Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
21
Product Technical Specification
Pad Definition
Pad #
Signal Name
Function
I/O
Active
Low / High
Power Supply
Domain
Recommendation
for Unused Pads
Type
29
UIM1_RESET
1.8V/3V SIM1 Reset
O
L
1.8V/3V
Mandatory
connection
Core
30
GND
Ground
0V
0V
Mandatory
connection
Extension
31
RF_DIV
RF Input - Diversity
Mandatory
connection
Extension
32
GND
Ground
0V
0V
Mandatory
connection
Extension
33
PCM_OUT*
PCM data out
O
1.8V
Left Open
Extension
34
PCM_IN*
PCM data in
I
1.8V
Left Open
Extension
35
PCM_SYNC*
PCM sync out
I/O
1.8V
Left Open
Extension
36
PCM_CLK*
PCM clock
I/O
1.8V
Left Open
Extension
37
GND
Ground
0V
0V
Mandatory
connection
Core
38
NC
Not Connected (Reserved for future use)
Left Open
Not connected
39
GND
Ground
0V
0V
Mandatory
connection
Core
40
GPIO7
General purpose input/output
I/O
1.8V
Left Open
Core
41
GPIO8 / TRACE_CLK
General purpose input/output / Trace clock
I/O
1.8V
Connect to test point Core/Custom
42
NC
Not Connected (Reserved for future use)
Left Open
Not connected
43
NC
Not Connected (Reserved for future use)
Left Open
Not connected
44
GPIO13
General purpose input/output
O
1.8V
Left Open
Extension
45
VGPIO
GPIO voltage output
O
1.8V
Left Open
Core
46
GPIO6
General purpose input/output
I/O
1.8V
Left Open
Core
47
NC
Not Connected (Reserved for future use)
Left Open
Not connected
48
GND
Ground
0V
0V
Mandatory
connection
Core


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com