Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
19
2. Pad Definition
AirPrime HL7548 and HL7588 pads are divided into 3 functional categories.
Core functions and associated pads cover all the mandatory features for M2M connectivity and will be available by default across all CF3 family of
modules. These Core functions are always available and always at the same physical pad locations. A customer platform using only these functions
and associated pads is guaranteed to be forward and/or backward compatible with the next generation of CF3 modules.
Extension functions and associated pads bring additional capabilities to the customer. Whenever an Extension function is available on a module, it
is always at the same pad location.
Custom functions and associated pads are specific to a given module, and make an opportunistic use of specific chipset functions and I/Os.
Custom features should be used with caution as there is no guarantee that the custom functions available on a given module will be available on
other CF3 modules.
Other pads marked as “not connected” or “reserved” should not be used.
Table 6.
Pad Definition
Pad #
Signal Name
Function
I/O
Active
Low / High
Power Supply
Domain
Recommendation
for Unused Pads
Type
1
GPIO1
General purpose input/output
I/O
1.8V
Left Open
Extension
2
UART1_RI* /
TRACE_DATA3
UART1 Ring indicator / Trace data 3
O
1.8V
Connect to test point Core / Custom
3
UART1_RTS
UART1 Request to send
I
L
1.8V
Connect to test point Core
4
UART1_CTS
UART1 Clear to send
O
L
1.8V
Connect to test point Core
5
UART1_TX
UART1 Transmit data
I
1.8V
Connect to test point Core
6
UART1_RX
UART1 Receive data
O
1.8V
Connect to test point Core
7
UART1_DTR*
UART1 Data terminal ready
I
L
1.8V
Connect to test point Core
8
UART1_DCD* /
TRACE_DATA1
UART1 Data carrier detect / Trace data 1
O
L
1.8V
Connect to test point Core / Custom


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com