Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 13Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 14Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
17
Product Technical Specification
Introduction
1.7. ESD
Refer to the following table for ESD Specifications.
Table 3.
ESD Specifications
Category
Connection
Specification
Operational
RF ports
IEC-61000-4-2 — Level (Electrostatic Discharge Immunity Test)
Non-operational
Host connector
interface
Unless otherwise specified:
JESD22-A114 ± 1kV Human Body Model
JESD22-A115 ± 200V Machine Model
JESD22-C101C ± 250V Charged Device Model
Signals
SIM connector
Adding ESD protection is highly recommended at the point where
the USIM contacts are exposed, and for any other signals that
would be subjected to ESD by the user.
Other host signals
1.8. Environmental and Certifications
1.8.1.
Environmental Specifications
The environmental specification for both operating and storage conditions are defined in the table
below.
Table 4.
Environmental Specifications
Conditions
Range
Operating Class A
-30°C to +70°C
Operating Class B
-40°C to +85°C
Storage
-40°C to +85°C
Class A is defined as the operating temperature ranges that the device:
Shall exhibit normal function during and after environmental exposure.
Shall meet the minimum requirements of 3GPP or appropriate wireless standards.
Class B is defined as the operating temperature ranges that the device:
Shall remain fully functional during and after environmental exposure
Shall exhibit the ability to establish an SMS or DATA call (emergency call) at all times even
when one or more environmental constraint exceeds the specified tolerance.
Unless otherwise stated, full performance should return to normal after the excessive
constraint(s) have been removed.


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com