Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 10Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 11Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 12Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 13Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 14Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
14
Product Technical Specification
Introduction
Feature
Description
SIM interface
Dual SIM Single Standby (DSSS)
1.8V/3V support
SIM extraction / hot plug detection
SIM/USIM support
Conforms with ETSI UICC Specifications
Supports SIM application tool kit with proactive SIM commands
Application interface
NDIS NIC interface support (Windows XP, Windows 7, Windows 8,
Windows CE, Linux)
Multiple non-multiplexed USB channel support
Dial-up networking
USB selective suspend to maximize power savings
CMUX multiplexing over UART*
AT command interface – 3GPP 27.007 standard, plus proprietary
extended AT commands
Protocol Stack
Single mode LTE operation:
LTE FDD, bandwidth 1.4-20 MHz
System Release: 3GPP Rel. 9
Category 4 (up to 150 Mbit/s in downlink, 50 Mbit/s in uplink)
MIMO DL 2x2 and 4x2
Max modulation 64 QAM DL, 16 QAM UL
Intra-frequency and inter-frequency mobility
SMS over SGs and IMS
SON ANR
Public Warning System PWS
HSDPA (High Speed Downlink Packet Access)*
Evolved High Speed Downlink Packet Access (HSDPA+)
Compliant with 3GPP Release 9
Up to Category 24 (DC, 42.2Mbps)
Continuous Packet Connectivity (CPC)
Enhance fractional DPCH
IPv6 support
HSUPA (High Speed Uplink Packet Access)*
Compliant with 3GPP Release 9
Category 6 (5.7 Mbps)
Robust Header Compression (RoHC)
RXDIV Performance Enhancements*
Type 3i (HSDPA)
HSPA Enhancements*
MAC-ehs Rel. 7
HSDPA Enhanced CELL_FACH/PCH states
HSUPA Enhanced CELL_FACH states (eFACH) Rel 8
MAC-i/is Rel.8
Serving cell change enhancements Rel. 8
SMS
SMS over SGs and IMS
SMS MO and MT
SMS saving to SIM card or ME storage
SMS reading from SIM card or ME storage
SMS sorting
SMS concatenation
SMS Status Report
SMS replacement support
SMS storing rules (support of AT+CNMI, AT+CNMA)


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com