Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 9Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 10Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 11Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 12Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 13Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 14Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
13
Product Technical Specification
Introduction
1.2. Physical Dimensions
AirPrime HL7548 and HL7588 modules are compact, robust, fully shielded modules with the following
dimensions:
Length: 23 mm
Width: 22 mm
Thickness: 2.5 mm
Weight: 3.5 g
Note:
Dimensions specified above are typical values.
1.3. General Features
The table below summarizes the AirPrime HL7548 and HL7588 features.
Table 2.
General Features
Feature
Description
Physical
Small form factor (146-pad solderable LGA pad) – 23mm x 22mm x
2.5mm (nominal)
Complete body shielding
RF connection pads (RF main interface)
Baseband signals connection
Electrical
Single or double supply voltage (VBATT and VBATT_PA) – 3.2V – 4.5V
RF
HL7548 (quad-band LTE):
LTE B2: 1900 PCS
LTE B4: 1700 AWS
LTE B5: 850 CLR
LTE B17: 700
HL7588 (penta-band LTE and dual-band UMTS)**:
LTE B2: 1900 PCS
LTE B4: 1700 AWS
LTE B5: 850 CLR
LTE B13: 700
LTE B17: 700
UMTS B2: 1900 PCS
UMTS B5: 850 CLR
Audio interface*
Digital interface only
Supports Narrow-Band and Wide-band Adaptive Multirate (AMR-NB and
AMR-WB) vocoders
MO and MT calling
Echo cancellation and noise reduction
Emergency calls (112, 110, 911, etc.)
Incoming call notification
DTMF generation


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com