Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 8Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 9Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 10Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 11Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 12Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 13Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 14Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
12
1. Introduction
This document is the Product Technical Specification for the AirPrime HL7548 and HL7588
Embedded Modules. It defines the high-level product features and illustrates the interfaces for these
features. This document is intended to cover the hardware aspects of the product, including electrical
and mechanical.
The AirPrime HL7548 and HL7588 belong to the AirPrime HL Series from Essential Connectivity
Module family. These are industrial grade Embedded Wireless Modules that provide data connectivity
on wireless networks (as listed in Table 1 Supported Bands/Connectivity).
The HL7548 and HL7588 support a large variety of interfaces such as USB 2.0, UART and GPIOs to
provide customers with the highest level of flexibility in implementing high-end solutions.
Table 1.
Supported Bands/Connectivity
RF Band
Transmit Band (Tx)
Receive Band (Rx) Maximum Output
Power
HL7548
HL7588*
LTE B2
1850 to 1910 MHz
1930 to 1990 MHz
23 dBm (± 2dBm)
Class 3bis
LTE B4
1710 to 1755 MHz
2110 to 2155 MHz
+23 dBm (± 2dBm)
Class 3bis
LTE B5
824 to 849 MHz
869 to 894 MHz
23 dBm (± 2dBm)
Class 3bis
LTE B13
777 to 787 MHz
746 to 756 MHz
23 dBm (± 2dBm)
Class 3bis
LTE B17
704 to 716 MHz
734 to 746 MHz
23 dBm (± 2dBm)
Class 3bis
UMTS B2
1850 to 1910 MHz
1930 to 1990 MHz
23 dBm (± 2dBm)
Class 3bis
UMTS B5
824 to 849 MHz
869 to 894 MHz
23 dBm (± 2dBm)
Class 3bis
*
AirPrime HL7588 modules operating on Verizon support LTE bands B2, B4, B13, and UMTS bands B2 and B5;
while HL7588 modules operating on AT&T support LTE bands B2, B4, B5, B17, and UMTS bands B2 and B5.
1.1. Common Flexible Form Factor (CF3)
The AirPrime HL7548 and HL7588 belong to the Common Flexible Form Factor (CF3) family of
modules. This family consists of a series of WWAN modules that share the same mechanical
dimensions (same width and length with varying thicknesses) and footprint. The CF3 form factor
provides a unique solution to a series of problems faced commonly in the WWAN module space as it:
Accommodates multiple radio technologies (from 2G to LTE advanced) and band groupings
Supports bit-pipe (Essential Module Series) and value add (Smart Module Series) solutions
Offers electrical and functional compatibility
Provides Direct Mount as well as Socketability depending on customer needs


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com