Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL-1 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # SDL-1
Description  Complies with IEC 60269-1 and 2 fuse
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SDL-1 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  SDL-1 Datasheet HTML 1Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 2Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 3Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 4Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 5Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 6Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 7Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 8Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Technical Data 10163
Effective June 2018
NH Bases
EATON www.eaton.com
3-pole Integral NH Base parts - Catalogue numbers
Catalogue numbers
Line side mounting
Load side mounting
Compatible NH Fuse
link body size
Poles
Current
(Amps)
Pack
quantity
Compatible NH fuse links
TD00-DI
Screw mounting holes Screw mounting holes 00
3-pole
160
1
400/500/690 V NH gG and
aM fuse links
TD00-DCI
Clinch nut
Clinch nut
TD00-DPI
Pressure plate
Pressure plate
TD00-DBI
70 mm fixed box lug
70 mm fixed box lug
TD00-DCPI
Clinch nut
Pressure plate
TD00-DCBI
Clinch nut
70 mm fixed box lug
TD00-DPBI
Pressure plate
70 mm fixed box lug
Poles
Compatible NH Fuse links size
Line side mounting/ Load side mounting
Integral NH Base
TD = Triple pole
00
= Compatible for NH fuse links
body size 00
I
= Integral base screw mounting/screw
mounting
C
= Clinch nut/clinch nut
I
= Integral NH Base
P
= Pressure plate/pressure plate
B
= 70 mm fixed box lug/70 mm fixed box lug
CP
= Clinch nut/pressure plate
CB
= Clinch nut/70 mm fixed box lug
PB
= Pressure plate/70 mm fixed box lug
3-pole Integral NH Base parts - Catalogue numbers structure
For example catalogue number TD00-CPI represents a 3-pole TD NH Fuse base, suitable for a NH fuse link body size 00, with C clinch
nut load side mounting and P pressure plate load side mounting, I integral base
Compatible NH
Fuse link body
size
Poles
Current
(Amps)
DIN-Rail and screw
mounting
Screw mounting
only
Pack
quantity
Compatible fuse links
00
1-pole
160
SD00-D
SD00-S
3
400/500/690 V NH gG and
aM fuse links
3-pole
160
TD00-D
N/A
1
1
1-pole
250
SD1-D
SD1-S
3
3-pole
250
TD1-D
N/A
1
2
1-pole
400
SD2-D
SD2-S
3
400
SD2-DD*
N/A
3
3-pole
400
TD2-D
N/A
1
400
TD2-DD*
N/A
1
3
1-pole
630
SD3-D*
SD3-S
3
3-pole
630
TD3-D*
N/A
1
4
1-pole
1250
N/A
SD4-S
1
1600
N/A
SD4-S1600
1
1-pole and 3-pole non integral NH Bases - Catalogue numbers
Poles
Compatible NH Fuse links body size
Mounting type
SD = Single pole
TD = Triple pole
00
= Compatible for NH fuse links body size 00
1
= Compatible for NH fuse links body size 1
2
= Compatible for NH fuse links body size 2
3
= Compatible for NH fuse links body size 3
4
= Compatible for NH fuse links body size 4
(Single pole only)
D
= DIN-Rail and screw mounting
DD
= Double fuse contact clips
S
= Screw mounting only
S1600
= Screw mounting only, 1600 A
1-pole and 3-pole non integral NH base - Catalogue numbers structure
For example catalogue number SD2-D represents a 1-pole SD NH Fuse base, suitable for a NH fuse link body size 2 fuse link, S screw
mounting only
*Double fuse contact clips


Similar Part No. - SDL-1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDL-1 SYNERGY-SDL-1 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
SDL-100 SYNERGY-SDL-100 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
logo
Samtec, Inc
SDL-106-T-11 SAMTEC-SDL-106-T-11 Datasheet
118Kb / 1P
   520 PARK EAST BLVD, NEW ALBNY, INDIANA 47151-1147
logo
SYNERGY MICROWAVE CORPO...
SDL-110 SYNERGY-SDL-110 Datasheet
247Kb / 4P
   3-WAY POWER DIVIDER SURFACE MOUNT MODEL
SDL-110 SYNERGY-SDL-110 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - SDL-1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ESP-100-POE LSTD-ESP-100-POE Datasheet
362Kb / 2P
   Complies with IEC 61643-21 standard
logo
Littelfuse
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
logo
Adam Technologies, Inc.
IEC-GS-1-XXX-RLS ADAM-TECH-IEC-GS-1-XXX-RLS Datasheet
100Kb / 1P
   IEC CONNECTOR ISOLATED FUSE
IEC-G-1-150-2F ADAM-TECH-IEC-G-1-150-2F Datasheet
103Kb / 1P
   IEC CONNECTOR ISOLATED FUSE
logo
Schurter Inc.
KE151100151 SCHURTER-KE151100151 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC Datasheet
730Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KE151100151 SCHURTER-KE151100151_V01 Datasheet
698Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
logo
Delta Electronics, Inc.
MDS-100BPS12-B DELTA-MDS-100BPS12-B Datasheet
450Kb / 10P
   Compliant with IEC 60601-1-2 4th Ed. Requirements
logo
Schurter Inc.
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com