Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDL-1 Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # SDL-1
Description  Complies with IEC 60269-1 and 2 fuse
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SDL-1 Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  SDL-1 Datasheet HTML 1Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 2Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 3Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 4Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 5Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 6Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 7Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 8Page - Eaton All Rights Reserved. SDL-1 Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Technical Data 10163
Effective June 2018
NH Bases
EATON www.eaton.com
Dimensions (mm) 1-pole, size 4
NH fuse link
body size
Poles/Type
A
B
C
D
E
F
G
H
I
J
K
L
M
N
NH4
1-pole 1250A
295
255
90
52
105
47
122
M16x40
30
14
40
150
92
M12x40
1-pole 1600A
295
255
90
60
105
50
125
M16x40
30
14
40
150
92
M12x40
Dimensions (mm) 3-pole, size 00
NH fuse link
body size
Poles/Type
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
NH00
3-pole
120
102
35.5
20
56
24
51
M8x20
25
8
-
103.5 34
146
89


Similar Part No. - SDL-1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDL-1 SYNERGY-SDL-1 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
SDL-100 SYNERGY-SDL-100 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
logo
Samtec, Inc
SDL-106-T-11 SAMTEC-SDL-106-T-11 Datasheet
118Kb / 1P
   520 PARK EAST BLVD, NEW ALBNY, INDIANA 47151-1147
logo
SYNERGY MICROWAVE CORPO...
SDL-110 SYNERGY-SDL-110 Datasheet
247Kb / 4P
   3-WAY POWER DIVIDER SURFACE MOUNT MODEL
SDL-110 SYNERGY-SDL-110 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - SDL-1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ESP-100-POE LSTD-ESP-100-POE Datasheet
362Kb / 2P
   Complies with IEC 61643-21 standard
logo
Littelfuse
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
logo
Adam Technologies, Inc.
IEC-GS-1-XXX-RLS ADAM-TECH-IEC-GS-1-XXX-RLS Datasheet
100Kb / 1P
   IEC CONNECTOR ISOLATED FUSE
IEC-G-1-150-2F ADAM-TECH-IEC-G-1-150-2F Datasheet
103Kb / 1P
   IEC CONNECTOR ISOLATED FUSE
logo
Schurter Inc.
KE151100151 SCHURTER-KE151100151 Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC Datasheet
730Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KE151100151 SCHURTER-KE151100151_V01 Datasheet
698Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
logo
Delta Electronics, Inc.
MDS-100BPS12-B DELTA-MDS-100BPS12-B Datasheet
450Kb / 10P
   Compliant with IEC 60601-1-2 4th Ed. Requirements
logo
Schurter Inc.
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com