Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1X3LG6 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # G1X3LG6
Description  Type C Wiring Duct Cover with Protective Film
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

G1X3LG6 Datasheet(HTML) 1 Page - PANDUIT CORP.

  G1X3LG6 Datasheet HTML 1Page - PANDUIT CORP. G1X3LG6 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
w w w. p a n d u i t . c o m
s p e c i f i c a t i o n s
The temporary protection film shall protect duct covers
from damage during the installation process. The film
shall be see-through, clear and peel away easily from
the cover without leaving a sticky residue. The film shall
provide a place for writing notes without allowing the ink
to bleed through.
Panduct ® Type C Wiring Duct Cover with
Protective Film
S P E C I F I C A T I O N S H E E T
t e c h n i c a l i n f o r m a t i o n
Product construction:
Backing:
Clear multi-polymer
Adhesive:
Acrylic based
Physical properties:
Total thickness:
2.0 mil (0.05mm)
Melting point:
>180°F
Tensile strength:
4500 PSI
Test Method
ASTMD882
Elongation:
600%
Test Method
ASTMD882
k e y f e a t u r e s a n d b e n e f i t s
High-performance
multi-polymer film
Protects cover surface from scratches and grime during storage,
handling, and installation; reduces scrap and labor costs
Acrylic-based adhesive
Ensures film will remain adhered during cutting and is easily
removed without leaving a sticky residue; achieve faster installations
for a clean, finished appearance
Writing surface
Provides an area for notes from installer to field electricians;
improves productivity and reduces installation time
Clear material
Easy identification of product color when film is attached; ideal
for quick and accurate product selection
a p p l i c a t i o n s
Panduct® Type C Wiring Duct Cover with
protective film reduces scrap and labor
costs by protecting the surface during
storage, handling, and installation. Film
remains adhered during cutting and is
easily removed without leaving a sticky
residue for faster and cleaner installations.
Features a convenient writing surface for
improved productivity.
Panduct ® Type C Wiring Duct
Cover with Protective Film
0.50" cover:
C.5**6-F
0.75" cover:
C.75**6-F
1" cover:
C1**6-F
1.5" cover:
C1.5**6-F
2" cover:
C2**6-F
3" cover:
C3**6-F
3" cover:
C3**6-F
4" cover:
C4**6-F
Complete cover part listing by color on
back page.
Wiring Duct Compatible with
Type C Cover
Type G
wide finger/slot
wiring duct:
G.5X.5**6
to G4X5**6
Type F
narrow
finger/slot
wiring duct:
F.5X.5**6
to F4X5**6
Type D
round hole
wiring duct:
D1x1**6
to D4x4**6
Type FS
solid wall
raceway:
FS.5x.5**6NM
to FS4x5**6NM
Permanent Marking Pens:
Black:
PFX-0
Red:
PFX-2
White:
PX-10
Handling and storage: Dry room temperature; 12 month shelf life for best performance.
Remove protective film prior to placing equipment into service.
**= Color code of LG (Light Gray),
WH (White), BL (Black), IB (Intrinsic Blue).


Similar Description - G1X3LG6

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SRWD-0820 RICHCO-SRWD-0820 Datasheet
79Kb / 1P
SLOTTED RICHCO WIRING DUCT
logo
PANDUIT CORP.
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Pepperl+Fuchs Inc.
SH-BT43-F25-01 PF-SH-BT43-F25-01 Datasheet
434Kb / 1P
Protective cover
SH-BT65-F31 PF-SH-BT65-F31 Datasheet
773Kb / 1P
Protective cover
SH-BT65-F31K2 PF-SH-BT65-F31K2 Datasheet
656Kb / 1P
Protective cover
SH-F31K2-B13 PF-SH-F31K2-B13 Datasheet
400Kb / 1P
Protective cover
SH-F31K2-B32 PF-SH-F31K2-B32 Datasheet
481Kb / 1P
Protective cover
SH-F35 PF-SH-F35 Datasheet
209Kb / 2P
Protective cover
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com