Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1590BB Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1590BB
Description  Enclosures can be Factory Modified
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590BB Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590BB Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOP VIEW
SECTION B-B
SIDE VIEW
SECTION A-A
END VIEW
INSIDE LID
INSIDE BOX
Natural Finish Enclosure
1590BB
Black Textured Enclosure
1590BBBK
Natural Finish Enclosure
1590WBB
Black Textured Enclosure
1590WBBBK
Stainless Steel Cover Screws (Pkg 100)
[6-32 x 1/2" With O-Ring]
1590WMS100
Black Stainless Steel Cover Screws (Pkg 100)
[6-32 x 1/2" With O-Ring]
1590WMS100BK
Plated Cover Screws (Pkg 100)
[6-32 x 1/2"]
1590MS100
Black Cover Screws (Pkg 100)
[6-32 x 1/2"]
1590MS100BK
ACCESSORIES
NOTE
Purchased assembly includes box, lid and 4 cover screws.
Box and lid are made from Diecast Aluminum Alloy.
Silicone Gasket supplied with liquid resistant enclosure.
Recommended Torque with Gasket : 25-30 cN.m [36-43 ozf.in]
Recommended Torque: 50-55 cN.m [71-78 ozf.in]
PART NUMBERS
1590BB Enclosure
1590BB Liquid Resistant Enclosure (Silicone Gasket)
Liquid Resistant Cover Screws
Standard Cover Screws
1590BB
Dimensions:
mm
[inches]
www.hammondmfg.com
®
B
B
A
A
110.36
[4.345]
84.86
[3.341]
109.50
[4.311]
84.00
[3.307]
4.69
[.185]
119.50
[4.705]
109.50
[4.311]
84.00
[3.307]
94.00
[3.701]
34.00
[1.339]
87.16
[3.432]
INSIDE
WIDTH
29.75
[1.171]
INSIDE
HEIGHT
30.00
[1.181]
6.00
[.236]
112.66
[4.435]
INSIDE LENGTH
113.83
[4.482]
89.50
[3.524]
103.50
[4.075]
78.00
[3.071]
4.00
[.157]
4X
4X 6-32 UNC
 11.00
 3.50  3.00
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
2.00
[.079]
4.00
[.157]
2.00
[.079]
2.25
[.089]


Similar Part No. - 1590BB

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
1590BB BUSBOARD-1590BB Datasheet
940Kb / 5P
   A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BB BUSBOARD-1590BB Datasheet
422Kb / 3P
   A prototyping board designed for the Hammond 1590BB die-cast aluminum enclosure.
Rev 4.00
1590BBBK BUSBOARD-1590BBBK Datasheet
940Kb / 5P
   A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BBGY BUSBOARD-1590BBGY Datasheet
940Kb / 5P
   A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BBK BUSBOARD-1590BBK Datasheet
986Kb / 5P
   A Hammond 1590B rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
More results

Similar Description - 1590BB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590B HAMMOND-1590B Datasheet
230Kb / 1P
   Enclosures can be Factory Modified
1550E HAMMOND-1550E Datasheet
861Kb / 1P
   Enclosures can be Factory Modified
1411ZU HAMMOND-1411ZU Datasheet
202Kb / 1P
   Enclosures can be Factory Modified
1456PL3 HAMMOND-1456PL3 Datasheet
221Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456WK4 HAMMOND-1456WK4 Datasheet
252Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G10 HAMMOND-195G10 Datasheet
186Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G30 HAMMOND-195G30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195K16 HAMMOND-195K16 Datasheet
169Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195M30 HAMMOND-195M30 Datasheet
183Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195S4 HAMMOND-195S4 Datasheet
146Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com