Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1331DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1331DI
Description  Dual Channel Smart Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1331DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1331DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1331DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AOZ1331DI
Rev. 1.0 January 2014
www.aosmd.com
Page 2 of 14
Ordering Information
All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Temperature Range
Package
Environmental
AOZ1331DI
-40°C to +85°C
3mm x 2mm DFN-14L
Green
Pin Number
Pin Name
Pin Function
1, 2
IN1
Switch 1 Input. Bypass capacitor is recommended to minimize input voltage dip.
Recommended voltage range of this pin is 0.8V to VBIAS to obtain optimal RON.
3
ON1
Enable Input of Switch 1. Switch 1 is on when ON1 is pulled high, and is off when ON1 is
pulled low. Do not leave floating.
4
VBIAS
Bias Voltage. Power supply to this device. Recommended voltage range is 2.5V to 5.5V.
5
ON2
Enable Input of Switch 2. Switch 2 is on when ON2 is pulled high, and is off when ON2 is
pulled low. Do not leave floating.
6, 7
IN2
Switch 2 Input. Bypass capacitor is recommended to minimize input voltage dip.
Recommended voltage range of this pin is 0.8V to VBIAS to obtain optimal RON.
8, 9
OUT2
Switch 2 Output.
10
CT2
Slew rate control of switch 2.
11
GND
Ground.
12
CT1
Slew rate control of switch 1.
13, 14
OUT1
Switch 1 Output.
EPAD
Exposed Pad
The exposed bottom pad must be connected to GND.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUT1
OUT1
CT1
GND
CT2
OUT2
OUT2
IN1
IN1
ON1
VBIAS
ON2
IN2
IN2
3mm x 2mm DFN-14
(Top View)
EPAD


Similar Part No. - AOZ1331DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
   Dual Channel Smart Load Switch
Rev. 1.3 July 2018
More results

Similar Description - AOZ1331DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
   Dual Channel Smart Load Switch
Rev. 1.3 July 2018
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
   Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
   SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
DML3010LFDS DIODES-DML3010LFDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 4 - 2
DML3011LFDS DIODES-DML3011LFDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 5 - 2
DML3012LDC DIODES-DML3012LDC Datasheet
1Mb / 13P
   SINGLE CHANNEL SMART LOAD SWITCH
December 2022 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com