Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80DR9M-H5 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DX80DR9M-H5
Description  Sure Cross짰 MultiHop H5 Data Radio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80DR9M-H5 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DX80DR9M-H5 Datasheet HTML 1Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 2Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 3Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 4Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 5Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 6Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 7Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
The Sure Cross® wireless system is a radio frequency network with integrated I/O that operates in most environments to eliminate the need for
wiring runs. Wireless MultiHop data radio networks are formed around a MultiHop master and one or more slaves and extend the range of a Modbus
or other serial communication network.
900 MHz
2.4 GHz Model
• Wireless industrial I/O device with four sinking discrete inputs, two NMOS discrete outputs, four 0
to 20 mA analog inputs, and two switch power outputs
• Selectable transmit power levels of 250 mW or 1 Watt for 900 MHz models and 65 mW for 2.4 GHz
models
FlexPower® power options allow for 10 V DC to 30 V DC, solar, and battery power sources for low
power applications.
• Self-healing, auto-routing RF network with multiple hops extends the network’s range
• Serial and I/O communication on a Modbus platform
• Message routing improves link performance
• DIP switches select operational modes: master, repeater, or slave
• Built-in site survey mode enables rapid assessment of a location’s RF transmission properties
• Frequency Hopping Spread Spectrum (FHSS) technology ensures reliable data delivery within the
unlicensed Industrial, Scientific, and Medical (ISM) band
Important: Please download the complete Sure Cross® MultiHop Data Radio
technical documentation, available in multiple languages, from
www.bannerengineering.com for details on the proper use, applications, Warnings,
and installation instructions of this device.
Important: Por favor descargue desde www.bannerengineering.com toda la documentación técnica de los Sure Cross®
MultiHop Data Radio, disponibles en múltiples idiomas, para detalles del uso adecuado, aplicaciones, advertencias, y las
instrucciones de instalación de estos dispositivos.
Important: Veuillez télécharger la documentation technique complète des Sure Cross® MultiHop Data Radio sur notre site
www.bannerengineering.com pour les détails sur leur utilisation correcte, les applications, les notes de sécurité et les
instructions de montage.
WARNING:
• Do not use this device for personnel protection
• Using this device for personnel protection could result in serious injury or death.
• This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A device failure or malfunction can cause either an energized (on) or de-energized (off) output condition.
Important:
• Never operate a 1 Watt radio without connecting an antenna
• Operating 1 Watt radios without an antenna connected will damage the radio circuitry.
• To avoid damaging the radio circuitry, never apply power to a Sure Cross® Performance or Sure Cross MultiHop (1
Watt) radio without an antenna connected.
Important:
• Electrostatic discharge (ESD) sensitive device
• ESD can damage the device. Damage from inappropriate handling is not covered by warranty.
• Use proper handling procedures to prevent ESD damage. Proper handling procedures include leaving devices in their
anti-static packaging until ready for use; wearing anti-static wrist straps; and assembling units on a grounded, static-
dissipative surface.
Models
Models
Frequency
I/O
DX80DR9M-H5
900 MHz ISM Band
Inputs: Four NPN discrete, four 0 to 20 mA analog
Outputs: Two NMOS discrete
Switch Power: Two
Serial interface: RS-485
DX80DR2M-H5
2.4 GHz ISM Band
Sure Cross® MultiHop H5 Data Radio
Original Document
152416 Rev. J
9 April 2020
152416


Similar Part No. - DX80DR9M-H5

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
   MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80ER2M-H BANNER-DX80ER2M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80DR9M-H5

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com