Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80DR9M-H5 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # DX80DR9M-H5
Description  Sure Cross짰 MultiHop H5 Data Radio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80DR9M-H5 Datasheet(HTML) 7 Page - Banner Engineering Corp.

  DX80DR9M-H5 Datasheet HTML 1Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 2Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 3Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 4Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 5Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 6Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 7Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Certifications
(CE approval only applies
to 2.4 GHz models)
(NOM approval only
applies to 900 MHz
models)
Certifications for DX8x...C (External Wiring Terminal) and DX8x...E Models
CSA: Class I Division 2 Groups ABCD, Class I Zone 2 AEx/Ex nA II T4 — Certificate:
1921239
ATEX: II 3 G Ex nA IIC T4 Gc (Group IIC Zone 2) — Certificate LCIE 10 ATEX 1012 X
Refer to the Class I Division 2/Zone 2 control drawings (p/n 143086) for wiring
specifications and limitations. Install the device in a suitable enclosure with provision
for connection of Division 2 / Zone 2 wiring methods in accordance with local codes,
as acceptable to the local inspection authority having jurisdiction. All battery-powered
devices must only use the lithium battery manufactured by Xeno, model XL-205F
(Banner model number BWA-BATT-001).
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Environmental Specifications
Operating Conditions
–40 °C to +85 °C (–40 °F to +185 °F) (Electronics); –20 °C to +80 °C (–4 °F to +176 °F)
(LCD)
95% maximum relative humidity (non-condensing)
Radiated Immunity: 10 V/m (EN 61000-4-3)
Shock and Vibration
All models meet IEC 60068-2-6 and IEC 60068-2-27 testing criteria
Shock: 30G 11 ms duration, half sine wave per IEC 60068-2-27
Vibration: 10 Hz to 55 Hz, 0.5 mm peak-to-peak amplitude per IEC 60068-2-6
Environmental Ratings
IEC IP67; NEMA 6
Refer to the Sure Cross® MultiHop Product Instruction Manual (p/n 151317) for
installation and waterproofing instructions.
Operating the devices at the maximum operating conditions for extended
periods can shorten the life of the device.
Accessories
Splitter Cordsets
5-Pin Threaded M12/Euro-Style Splitter Cordset with Flat Junction—Double Ended
Model
Trunk (Male)
Branches (Female)
Pinout (Male)
Pinout (Female)
CSB4-M1251M1250
0.3 m (1 ft)
Four (no cable)
1
4
5
3
2
2
3
4
1
5
Branch 1
Branch 2
Branch 3
Branch 4
3 x 18
72 mm
2 x 19
32 mm
Male Trunk
Length
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
5-Pin Threaded M12/Euro-Style Splitter Tee
Model
Description
Pinout (Male)
Pinout (Female)
CSB-M1250M1250-T
Female trunk, 1 female branch, 1 male
branch
1
4
5
3
2
1 = Brown
2 = White
3 = Blue
2
3
4
1
5
4 = Black
5 = Green/Yellow
Sure Cross® MultiHop H5 Data Radio
P/N 152416 Rev. J
www.bannerengineering.com - Tel: + 1 888 373 6767
7


Similar Part No. - DX80DR9M-H5

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
   MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80ER2M-H BANNER-DX80ER2M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
   Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80DR9M-H5

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
   Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
   Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
   Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
   Sure Cross짰 Wireless Q45UA Ultrasonic Node
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
   Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
   Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
   Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
   Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com