Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX80DR9M-H5 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # DX80DR9M-H5
Description  Sure Cross짰 MultiHop H5 Data Radio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DX80DR9M-H5 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  DX80DR9M-H5 Datasheet HTML 1Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 2Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 3Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 4Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 5Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 6Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 7Page - Banner Engineering Corp. DX80DR9M-H5 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Terminal
Wiring Description
Terminal
Wiring Description
Tx/+
RS-485 / D1 / B / +
B+
3.6 to 5.5 V DC
V-
DC common (GND)
Terminal Blocks
M-H5 Models
M-H5C Models
AI4
AI2
GND
DI4
GND
DO2
DI2
AI3
AI1
GND
DI3
GND
DO1
DI1
G B − W +
TX/+
RX/−
B+
V−
V+
V−
AI4
SP4
SP3
AI3
AI2
DI4
DO2
DI2
DI1
DO1
DI3
AI1
AI
x or Ax. Analog IN x
DI
x. Discrete IN x
DO
x. Discrete OUT x
GND. Ground/DC common connection
SP
x. Switch Power; provides variable power
sources for external devices
B+. 3.6 to 5.5 V DC (use for battery powered
models only)
PWR. 10 to 30 V DC power connection
RX/-. Serial communication line for the
Gateway. No connection for Nodes
TX/+. Serial communication line for the
Gateway; no connection for Nodes
V+. 10 to 30 V DC power connection
V–. Ground/DC common connection
Connecting power to the communication pins will cause permanent damage. For the DX8
x...C models, PWR in the wiring diagram refers to V+ on
the wiring board and GND in the wiring diagram refers to V- on the wiring board. To power the sensor using the switch power output (SPx), replace
the PWR with SPx in these wiring diagrams. Refer to the Class I Division 2/Zone 2 control drawings (p/n 143086) for wiring specifications and
limitations.
Discrete Input Wiring for PNP Sensors
Discrete Input Wiring for NPN Sensors
Discrete Output Wiring (NPN or NMOS)
Discrete IN
PWR
10-30V dc
Discrete IN
GND
dc common
Load
Discrete OUT
GND
PWR
10–30 V dc
dc common
Do not exceed analog input ratings for analog inputs. Only connect sensor outputs to analog inputs.
Analog Input Wiring (10–30 V DC Power)
Analog Input Wiring (4–20 mA, 2-Wire, Externally-Powered Sensors)
Analog IN
PWR
10-30V dc
GND
+
sensor
dc common
Analog IN
GND
dc common
external power
+
sensor
Set the MultiHop Radio (Slave) ID
The slave ID is an identifying number used for devices within a Modbus system. When using more than one Modbus slave, assign each slave a
unique ID number.
For MultiHop radios with rotary dials, use the rotary dials to set the device’s MultiHop Radio ID. The left dial sets the left digit and the right dial sets
the right digit.
• Modbus Slave IDs 01 through 10—Reserved for slaves directly connected to the host (local I/O). Polling messages addressed to these
devices are not relayed over the wireless link.
• Modbus Slave IDs 11 through 60—Use for MultiHop master, repeater, and slave radios. Up to 50 devices (local slaves and remote slaves)
may be used in this system.
If your MultiHop radio does not have rotary dials, you must use the master radio to set the Slave ID during the binding process.
Sure Cross® MultiHop H5 Data Radio
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 152416 Rev. J


Similar Part No. - DX80DR9M-H5

ManufacturerPart #DatasheetDescription
logo
SICK AG
DX80 SICK-DX80 Datasheet
1Mb / 10P
MID RANGE DISTANCE SENSORS
2024-04-23 09:56:20
logo
Banner Engineering Corp...
DX80ER2M-H BANNER-DX80ER2M-H Datasheet
1Mb / 15P
Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80N2Q45UAC BANNER-DX80N2Q45UAC Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
DX80N2Q45VA BANNER-DX80N2Q45VA Datasheet
812Kb / 10P
Sure Cross짰 Wireless Q45VA Vibration and Temperature Sensor
More results

Similar Description - DX80DR9M-H5

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
Sure Cross짰 Performance Node
M12FTH4Q BANNER-M12FTH4Q Datasheet
386Kb / 4P
Sure Cross짰 Temperature and Humidity Sensor
DB9 BANNER-DB9 Datasheet
177Kb / 2P
Sure Cross짰 DB9 Splitter Cable
Q45VTP BANNER-Q45VTP Datasheet
728Kb / 8P
Sure Cross짰 Wireless Q45VTP Node
Q45UA BANNER-Q45UA Datasheet
623Kb / 7P
Sure Cross짰 Wireless Q45UA Ultrasonic Node
M12FTH3Q BANNER-M12FTH3Q Datasheet
361Kb / 3P
Sure Cross짰 Temperature and Humidity Sensor
QM30VT2 BANNER-QM30VT2 Datasheet
1Mb / 6P
Sure Cross짰 QM30VT2 Vibration and Temperature Sensor
QM30VT1 BANNER-QM30VT1 Datasheet
2Mb / 7P
Sure Cross짰 QM30VT1 Vibration and Temperature Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com