Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF24L01 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NRF24L01
Description  Single chip 2.4 GHz Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24L01 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NRF24L01 Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24L01 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
PRELIMINARY PRODUCT SPECIFICATION
nRF24L01 Single Chip 2.4 GHz Radio Transceiver
Nordic Semiconductor ASA
- Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 1.2
Page 39 of 39
March 2006
Nordic Semiconductor ASA – World Wide Distributors
For Your nearest dealer, please see http://www.nordicsemi.no
Main Office:
Vestre Rosten 81, N-7075 Tiller, Norway
Phone: +47 72 89 89 00, Fax: +47 72 89 89 89
Visit the Nordic Semiconductor ASA website at http://www.nordicsemi.no


Similar Part No. - NRF24L01

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF24L01 NORDIC-NRF24L01 Datasheet
975Kb / 74P
nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
NRF24L01-EVKIT NORDIC-NRF24L01-EVKIT Datasheet
975Kb / 74P
nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
NRF24L01-REEL NORDIC-NRF24L01-REEL Datasheet
975Kb / 74P
nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
NRF24L01-REEL7 NORDIC-NRF24L01-REEL7 Datasheet
975Kb / 74P
nRF24L01 Single Chip 2.4GHz Transceiver
Revision 2.0
More results

Similar Description - NRF24L01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
NRF2402 ETC1-NRF2402 Datasheet
368Kb / 31P
Single chip 2.4 GHz Transmitter
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
logo
ATMEL Corporation
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936 Datasheet
1Mb / 21P
2.4 GHz CyFi??Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com