Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF-41T-P1.3E Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # SLF-41T-P1.3E
Description  4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SLF-41T-P1.3E Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  SLF-41T-P1.3E Datasheet HTML 1Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 2Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 3Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
39.2
No. of circuits
Dimensions A (mm)
2
4
(Single-line arrangement)
4
(Double-line arrangement)
6
9
15
10.4
15.0
14.9
19.4
ELコネクタ表4
ELCONNECTOR
EL CONNECTOR
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
EL CONNECTOR
EL CONNECTOR
Specifications
• Current rating: 10 A AC/DC
• Voltage rating: 300 V AC/DC
• Temperature range: -25℃ to +90℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 7 mΩ max.
After environmental tests/ 10 mΩ max.
• Insulation resistance: 1,000 MΩ min.
• Withstanding voltage: 1,500 VAC/minute
• Applicable wire: AWG #26 to #16
0.13 to 1.25 mm2
• Applicable panel thickness: 0.8 to 2.0 mm
* In using the products, refer to "Handling Precautions for Terminals
and Connectors" described on our website (Technical documents
of Product information page).
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.
Note: The current rating varies depending on the number of circuits and the
wire size used in each connector. The table below lists the current
rating as a function of the number of circuits and the wire size.
The contacts for the compact EL connector
can be easily inserted into the connector
housings. The plug housing and the receptacle
housing can be smoothly mated even if they
are mechanically distorted.
● Easy insertion and secure installation of
contacts
● A smooth connection even when pried
during mating
● Durable arm lock mechanism
● Two contact styles
● Interchangeability with ML connector
ELコネクタ表1
No. of
circuits
Wire size (AWG)
#16
#18
#20
#22
#24
#26
2
3
4
6
9
12
15
10
10
10
8
6
6
6
6
6
6
5
4
4
4
5
5
5
4
3
3
3
4
4
4
3
3
3
3
4
4
4
3
2
2
2
3
3
3
3
2
2
2
Current unit : A
D
A
4
ELコネクタ表3
No. of
circuits
Receptacle housing
Model No.
Panel hole dimensions (mm) General tolerance ±0.13
C
D
A
B
Applicable panel
thickness (mm)
2
3
6
9
12
15
ELR-02V
ELR-03V
ELR-04V
ELR-04NV
ELR-06V
ELR-09V
ELR-12V
ELR-15V
6.85
6.85
6.85
11.6
11.1
15.7
15.7
15.7
15.0
19.7
24.2
15.6
19.7
19.7
24.2
28.7
6.0
6.0
6.0
10.6
10.2
14.8
14.8
14.8
5.2
5.2
5.2
5.2
5.2
5.2
5.2
5.2
0.8~2.0
Note: 1. Punch holes in the panel according to the figures and table shown above. Burrs must be removed.
2. The strength of the panel must be considered when punching two or more holes.
3. The connector must be inserted from the same side as the hole is punched.
Panel layout and Assembly layout
1
®
®
®
®
®
Standards
Recognized E60389
Certified LR20812
R75052


Similar Part No. - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
SLF-10-20-P-A FESTO-SLF-10-20-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
SLF-10-30-P-A FESTO-SLF-10-30-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-10-40-P-A FESTO-SLF-10-40-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
More results

Similar Description - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YLP-06V JST-YLP-06V Datasheet
453Kb / 6P
   YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com