Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF-41T-P1.3E Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # SLF-41T-P1.3E
Description  4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SLF-41T-P1.3E Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  SLF-41T-P1.3E Datasheet HTML 1Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 2Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 3Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELCONNECTOR
EL CONNECTOR
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
EL CONNECTOR
EL CONNECTOR
Receptacle housing
Plug housing
P275
Current
rating
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
P274
Voltage
rating
9
12
15
300 V
300 V
300 V
6 A
6 A
6 A
ELR-09V
ELR-12V
ELR-15V
ELP-09V
500
500
500
ELP-12V
ELP-15V
500
500
500
24.6
14.4
24.6
14.4
24.6
14.4
14.8
14.6
24.6
14.8
14.6
24.6
14.8
14.6
24.6
No. of
circuits
Receptacle housing (for pin contact)
Plug housing (for socket contact)
Material: PA 6, UL94V-0, white
RoHS2 compliance
Note: 1. ELR-02VF and ELR-04NVF are exclusively for free hanging. The other circuits can be used either for panel mounted or free hanging.
See "Panel layout" for the panel hole dimensions.
2. Contact JST for special products.
Housing
4


Similar Part No. - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
Mini slide
12/7/22
SLF-10-20-P-A FESTO-SLF-10-20-P-A Datasheet
93Kb / 2P
Mini slide
12/7/22
SLF-10-30-P-A FESTO-SLF-10-30-P-A Datasheet
94Kb / 2P
Mini slide
12/7/22
SLF-10-40-P-A FESTO-SLF-10-40-P-A Datasheet
94Kb / 2P
Mini slide
12/7/22
More results

Similar Description - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
Disconnectable Crimp style Wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWM JST-RWM Datasheet
279Kb / 5P
Disconnectable crimp style Wire-to-wire connectors
RWZ JST-RWZ Datasheet
125Kb / 3P
Disconnectable Crimp style Wire-to wire connectors
YLP-06V JST-YLP-06V Datasheet
453Kb / 6P
YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com