Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF-41T-P1.3E Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # SLF-41T-P1.3E
Description  4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SLF-41T-P1.3E Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  SLF-41T-P1.3E Datasheet HTML 1Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 2Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 3Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELCONNECTOR
EL CONNECTOR
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
EL CONNECTOR
EL CONNECTOR
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
Current
rating
Q’ty/
bag
P272
Voltage
rating
2
3
300 V
300 V
10 A
10 A
500
500
500
500
500
4
6
300 V
300 V
8 A
10 A
500
500
500
500
500
500
ELR-02V
ELR-03V
ELR-02VF
ELP-02V
ELP-03V
ELR-04V
ELR-04NV
ELR-04NVF
ELR-06V
ELP-04V
ELP-04NV
ELP-06V
5.6
24.6
5.8
24.6
5.6
24.6
5.8
14.6
24.6
5.8
14.6
24.6
5.6
24.6
JST-L
10.3
24.6
24.6
10.3
24.6
9.9
5.8
14.6
24.6
10.3
14.6
24.6
10.3
14.6
24.6
Q’ty/
bag
Q’ty/
bag
Q’ty/
bag
No. of
circuits
Receptacle housing (for pin contact)
Plug housing (for socket contact)
Q’ty/
bag
Material: PA 6, UL94V-0, white
RoHS2 compliance
Housing
3


Similar Part No. - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
SLF-10-20-P-A FESTO-SLF-10-20-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
SLF-10-30-P-A FESTO-SLF-10-30-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-10-40-P-A FESTO-SLF-10-40-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
More results

Similar Description - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YLP-06V JST-YLP-06V Datasheet
453Kb / 6P
   YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com