Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF-41T-P1.3E Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # SLF-41T-P1.3E
Description  4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

SLF-41T-P1.3E Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  SLF-41T-P1.3E Datasheet HTML 1Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 2Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 3Page - JST Mfg. Co., Ltd. SLF-41T-P1.3E Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELCONNECTOR
EL CONNECTOR
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
EL CONNECTOR
EL CONNECTOR
17.7
7.5
3.8
4.3
2.0
17.7
11.3
2.0
4.3
ELコネクタ表2
Material and Finish
Model No.
mm2
AWG # Insulation O.D.
(mm)
Applicable wire
Q’ty/reel
Pin contact Socket contact
SLM-01T-P1.3E
SLM-41T-P1.3E
*SLM-42T-P1.3E
SLF-01T-P1.3E
SLF-41T-P1.3E
*SLF-42T-P1.3E
0.13
0.5
0.5
1.25
0.3+0.3
0.5+0.5
26
20
20
16
22+22
20+20
1.3
2.7
1.9
3.4
1.7+1.7~
2.0+2.0
Phosphor bronze, tin-plated (reflow treatment)
6,000
4,000
Socket contact
Pin contact
RoHS2 compliance
Note: 1. Contact denoted by * is used for two wires.
2. Contact JST for special products.
3. Contact JST for brass products.
MK/SLF/M-01-13E
MK/SLF/M-42-13E
SLM-42T-P1.3E
SLF-42T-P1.3E
SLM-41T-P1.3E
SLF-41T-P1.3E
SLM-01T-P1.3E
SLF-01T-P1.3E
MKS-L
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
Crimp applicator
Dies
APLMK SLF/M01-13E
APLMK SLF/M42-13E
MK/SLF/M-41-13E APLMK SLF/M41-13E
Applicator
2
1
2
1
3
3
2
1
4
4
3
2
1
15
13
12
10
8
7
5
3
2
14 9 4
11 6 1
12
10
9
8
6
5
4
2
1
11 7 3
9
8
7
6
5
4
3
2
1
6
5
4
3
2
1
Receptacle housing
2
1
2
1
3
3
2
1
4
2
1
4
3
10
8
7
9
6
5
3
2
4
1
15
13
12
14
11
8
6
5
7
6
5
4
3
2
1
6
5
4
3
2
1
9
8
7
4
2
1
3
12
10
9
11
Plug housing
Contact position numbers are stamped
Receptacle housing
Plug housing
Contact
Contact position location numbers
ELCONNECTOR
EL CONNECTOR
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
EL CONNECTOR
EL CONNECTOR
2
Note: Contact JST for fully automatic crimping applicator.


Similar Part No. - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
SLF-10-20-P-A FESTO-SLF-10-20-P-A Datasheet
93Kb / 2P
   Mini slide
12/7/22
SLF-10-30-P-A FESTO-SLF-10-30-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-10-40-P-A FESTO-SLF-10-40-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
More results

Similar Description - SLF-41T-P1.3E

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YLP-06V JST-YLP-06V Datasheet
453Kb / 6P
   YL CONNECTOR 4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com