Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP34N055HHE Datasheet(PDF) 1 Page - NEC

Part # NP34N055HHE
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP34N055HHE Datasheet(HTML) 1 Page - NEC

  NP34N055HHE Datasheet HTML 1Page - NEC NP34N055HHE Datasheet HTML 2Page - NEC NP34N055HHE Datasheet HTML 3Page - NEC NP34N055HHE Datasheet HTML 4Page - NEC NP34N055HHE Datasheet HTML 5Page - NEC NP34N055HHE Datasheet HTML 6Page - NEC NP34N055HHE Datasheet HTML 7Page - NEC NP34N055HHE Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999,2000
MOS FIELD EFFECT TRANSISTOR
NP34N055HHE, NP34N055IHE
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D14153EJ3V0DS00 (3rd edition)
Date Published
March 2001 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
ORDERING INFORMATION
PART NUMBER
PACKAGE
NP34N055HHE
TO-251
NP34N055IHE
TO-252
DESCRIPTION
These products are N-Channel MOS Field Effect Tran-
sistors designed for high current switching applications.
FEATURES
• Channel temperature 175 degree rated
• Super low on-state resistance
RDS(on) = 19 m
Ω MAX. (VGS = 10 V, ID = 17 A)
• Low Ciss : Ciss = 1600 pF TYP.
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
VDSS
55
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±34
A
Drain Current (Pulse)
Note1
ID(pulse)
±136
A
Total Power Dissipation (TA = 25 °C)
PT
1.2
W
Total Power Dissipation (TC = 25 °C)
PT
88
W
Single Avalanche Current
Note2
IAS
34 / 27 / 10
A
Single Avalanche Energy
Note2
EAS
11 / 72 / 100
mJ
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
–55 to + 175
°C
Notes 1. PW
≤ 10
µ s, Duty cycle ≤ 1 %
2. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V → 0 V (see Figure 4.)
THERMAL RESISTANCE
Channel to Case
Rth(ch-C)
1.70
°C/W
Channel to Ambient
Rth(ch-A)
125
°C/W
(TO-251)
(TO-252)


Similar Part No. - NP34N055HHE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP34N055HHE VBSEMI-NP34N055HHE Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
NP34N055HHE RENESAS-NP34N055HHE Datasheet
294Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2005
logo
Inchange Semiconductor ...
NP34N055HHE ISC-NP34N055HHE Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - NP34N055HHE

ManufacturerPart #DatasheetDescription
logo
NEC
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com