Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP34N055HHE Datasheet(PDF) 5 Page - NEC

Part # NP34N055HHE
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP34N055HHE Datasheet(HTML) 5 Page - NEC

  NP34N055HHE Datasheet HTML 1Page - NEC NP34N055HHE Datasheet HTML 2Page - NEC NP34N055HHE Datasheet HTML 3Page - NEC NP34N055HHE Datasheet HTML 4Page - NEC NP34N055HHE Datasheet HTML 5Page - NEC NP34N055HHE Datasheet HTML 6Page - NEC NP34N055HHE Datasheet HTML 7Page - NEC NP34N055HHE Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14153EJ3V0DS
5
NP34N055HHE, NP34N055IHE
Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
50
100
150
ID = 17 A
45
40
35
30
25
20
15
10
5
0
VGS = 10 V
Pulsed
Figure13. SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VSD - Source to Drain Voltage - V
0.5
Pulsed
VGS = 10 V
0.1
1
10
100
1000
VGS = 0 V
Figure14. CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
10000
1000
100
10
Figure15. SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
1000
10
100
tf
td(on)
td(off)
tr
Figure16. REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Drain Current - A
di/dt = 100 A/
µs
VGS = 0 V
1
0.1
10
1
10
100
1000
100
Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
48
16
80
70
60
50
40
30
20
10
0
012
16
14
12
10
8
6
4
2
0
ID = 34 A
VDS
24
28
20
32
VDD = 44 V
28 V
11 V
VGS


Similar Part No. - NP34N055HHE

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NP34N055HHE VBSEMI-NP34N055HHE Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
NP34N055HHE RENESAS-NP34N055HHE Datasheet
294Kb / 9P
MOS FIELD EFFECT TRANSISTOR
2005
logo
Inchange Semiconductor ...
NP34N055HHE ISC-NP34N055HHE Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - NP34N055HHE

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com