Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-R410M-02B-01 Datasheet(PDF) 20 Page - u-blox AG

Part # SARA-R410M-02B-01
Description  LTE Cat M1 / NB1 and EGPRS modules
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M-02B-01 Datasheet(HTML) 20 Page - u-blox AG

Back Button SARA-R410M-02B-01 Datasheet HTML 16Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 17Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 18Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 19Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 20Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 21Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 22Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 23Page - u-blox AG SARA-R410M-02B-01 Datasheet HTML 24Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 20 of 43
4 Electrical specifications
Stressing the device above one or more of the ratings listed in the Absolute Maximum Rating
section may cause permanent damage. These are stress ratings only. Operating the module at
these or at any conditions other than those specified in the Operating Conditions sections (section
4.2) of the specification should be avoided. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
Operating condition ranges define those limits within which the functionality of the device is
guaranteed.
Electrical characteristics are defined according to the verification on a representative number of
samples or according to the simulation.
Where application information is given, it is advisory only and does not form part of the
specification.
4.1 Absolute maximum rating
Limiting values given below are in accordance with Absolute Maximum Rating System (IEC 134).
Symbol
Description
Condition
Min.
Max.
Unit
VCC
Module supply voltage
Input DC voltage at VCC pins (SARA-R404M)
-0.5
6.0
V
Input DC voltage at VCC pins
(SARA-R410M, SARA-R412M and SARA-N410)
-0.5
5.2
V
VUSB_DET
USB detection pin
Input DC voltage at VUSB_DET pin
-0.5
5.5
V
USB
USB D+/D- pins
Input DC voltage at USB interface pins
-0.3
3.6
V
GDI
Generic digital interfaces
Input DC voltage at Generic digital interfaces pins
-0.3
2.3
V
DDC
DDC interface
Input DC voltage at DDC interface pins
-0.3
2.3
V
SIM
SIM interface
Input DC voltage at SIM interface pins
-0.3
3.5
V
ERS
External reset input
Input DC voltage at RESET_N pin
-0.5
2.1
V
POS
Power-on input
Input DC voltage at PWR_ON pin
-0.5
2.1
V
ADC
Antenna detection input
Input DC voltage at ANT_DET pin
-0.5
4.3
V
Rho_ANT
Antenna ruggedness
Output RF load mismatch ruggedness at ANT pins
10:1
VSWR
Tstg
Storage temperature
-40
+85
°C
Table 6: Absolute maximum ratings
The product is notprotected against overvoltage or reversed voltages. If necessary, voltage spikes
exceeding the voltage specifications given in the table above, must be limited to values within the
specified boundaries by using appropriate protection devices.
4.1.1 Maximum ESD
Parameter
Min
Typical
Max
Unit
Remarks
ESD sensitivity for all pins
1’000
V
Human Body Model according to JESD22-A114
Table 7: Maximum ESD ratings
u-blox cellular modules are Electrostatic Sensitive Devices and require special precautions when
handling. See section 7.4 for ESD handling instructions.


Similar Part No. - SARA-R410M-02B-01

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
   LTE-M / NB-IoT modules with secure cloud
SARA-R500S U-BLOX-SARA-R500S Datasheet
1Mb / 43P
   LTE-M / NB-IoT modules with secure cloud
SARA-R510M8S U-BLOX-SARA-R510M8S Datasheet
1Mb / 43P
   LTE-M / NB-IoT modules with secure cloud
SARA-R510S U-BLOX-SARA-R510S Datasheet
1Mb / 43P
   LTE-M / NB-IoT modules with secure cloud
More results

Similar Description - SARA-R410M-02B-01

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1_V01 Datasheet
373Kb / 2P
   LTE Cat M1/NB1 mPCIe Data Cards
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
   LTE Cat NB1 Embedded
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com