Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 25 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 25 Page - u-blox AG

Back Button SARA-N2 Datasheet HTML 21Page - u-blox AG SARA-N2 Datasheet HTML 22Page - u-blox AG SARA-N2 Datasheet HTML 23Page - u-blox AG SARA-N2 Datasheet HTML 24Page - u-blox AG SARA-N2 Datasheet HTML 25Page - u-blox AG SARA-N2 Datasheet HTML 26Page - u-blox AG SARA-N2 Datasheet HTML 27Page - u-blox AG SARA-N2 Datasheet HTML 28Page - u-blox AG SARA-N2 Datasheet HTML 29Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Labeling and ordering information
Page 25 of 30
8.2 Explanation of codes
Three different product code formats are used. The Product Name is used in documentation such as
this data sheet and identifies all u-blox products, independent of packaging and quality grade. The
Ordering Code includes options and quality, while the Type Number includes the hardware and
firmware versions. Table 24 below details these three different formats:
Format
Structure
Product Name
SARA-TGVV
Ordering Code
SARA-TGVV-MMQ
Type Number
SARA-TGVV-MMQ-XX
Table 24: Product code formats
Table 25 explains the parts of the product code.
Code
Meaning
Example
TG
Platform (Technology and Generation):
Dominant technology (G: GSM; U: HSUPA; C: CDMA 1xRTT; N: NB-IoT;
R: LTE low data rate (Cat 1 and below); L: LTE high data rate (Cat 3 and above))
Generation: 1…9
N2
VV
Variant function set based on the same platform [00…99]
00
MM
Major product version [00…99]
02
Q
Product grade:
B = professional
A = automotive
X = ATEX certified
B
XX
Minor product version (not relevant for certification)
00
Table 25: Part identification code
8.3 Ordering codes
Ordering No.
Product
SARA-N200-02B
Narrowband IoT module supporting Band 8, mainly designed for operation in Europe / APAC
16.0 x 26.0 x 2.4 mm, 250 pieces/reel
SARA-N201-02B
Narrowband IoT module supporting Band 5, mainly designed for operation in APAC
16.0 x 26.0 x 2.4 mm, 250 pieces/reel
SARA-N210-02B
Narrowband IoT module supporting Band 20, mainly designed for operation in Europe
16.0 x 26.0 x 2.4 mm, 250 pieces/reel
SARA-N211-02X
Narrowband IoT module supporting Band 8 and 20, mainly designed for operation in Europe
ATEX certified
16.0 x 26.0 x 2.4 mm, 250 pieces/reel
SARA-N280-02B
Narrowband IoT module supporting Band 28, mainly designed for operation in South America / APAC
16.0 x 26.0 x 2.4 mm, 250 pieces/reel
Table 26: Product ordering codes
Product changes affecting form, fit or function are documented by u-blox. For a list of Product
Change Notifications (PCNs), see our website.


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Quectel Wireless Soluti...
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Quectel Wireless Soluti...
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com