Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 17 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 17 Page - u-blox AG

Back Button SARA-N2 Datasheet HTML 13Page - u-blox AG SARA-N2 Datasheet HTML 14Page - u-blox AG SARA-N2 Datasheet HTML 15Page - u-blox AG SARA-N2 Datasheet HTML 16Page - u-blox AG SARA-N2 Datasheet HTML 17Page - u-blox AG SARA-N2 Datasheet HTML 18Page - u-blox AG SARA-N2 Datasheet HTML 19Page - u-blox AG SARA-N2 Datasheet HTML 20Page - u-blox AG SARA-N2 Datasheet HTML 21Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Electrical specification
Page 17 of 30
4.2.5 RESET_N pin
Parameter
Min.
Typical
Max.
Unit
Remarks
Internal supply for
External Reset Input Signal
VCC
V
Module supply input (VCC)
Schmitt Trigger Low to High
Threshold Point (VT+)
0.52*VCC
V
Schmitt Trigger High to Low
Threshold Point (VT-)
0.36*VCC
V
Pull-up resistance
78
k
Internal active pull-up to VCC
Low-level input current
-10
µ
A
RESET_N low-level time
500
ns
Low time to reset the module
Table 15: RESET_N pin characteristics
4.2.6 SIM interface pins
Parameter
Min.
Typ.
Max.
Unit
Remarks
Internal supply for SIM domain
1.8
V
Generic Digital Interface supply output (VSIM)
Low-level input
-0.1*VSIM
0.2*VSIM
V
High-level input
0.7*VSIM
1.1*VSIM
V
Low-level output
0.0
V
High-level output
VSIM
V
Internal pull-up on SIM_IO
4.7
k
Internal pull-up to VSIM
Clock frequency on SIM_CLK
4.8
MHz
Input / Output leakage current
±
10
µ
A
Table 16: SIM pins characteristics
4.2.7 UART interface pins
Parameter
Min.
Typ.
Max.
Unit
Remarks
Internal supply for UART domain
VCC
V
Module supply input (VCC)
Low-level input
-0.1*VCC
0.2*VCC
V
High-level input
0.7*VCC
1.1*VCC
V
Low-level output
0.0
V
High-level output
VCC
V
Input / Output leakage current
±
10
µ
A
Table 17: UART pins characteristics
4.2.8 Generic Digital Interface pins
Parameter
Min.
Typ.
Max.
Unit
Remarks
Internal supply for GDI domain
1.8
V
Generic Digital Interface supply output (V_INT)
Low-level input
-0.1*V_INT
0.2*V_INT
V
High-level input
0.7*V_INT
1.1*V_INT
V
Low-level output
0.0
V
High-level output
V_INT
V
Input / Output leakage current
±
10
µ
A
Table 18: Generic Digital Interface (GDI) pins characteristics


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Quectel Wireless Soluti...
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Modules
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Quectel Wireless Soluti...
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
   IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
   LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
   IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com