Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 10 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 10 Page - u-blox AG

Back Button SARA-N2 Datasheet HTML 6Page - u-blox AG SARA-N2 Datasheet HTML 7Page - u-blox AG SARA-N2 Datasheet HTML 8Page - u-blox AG SARA-N2 Datasheet HTML 9Page - u-blox AG SARA-N2 Datasheet HTML 10Page - u-blox AG SARA-N2 Datasheet HTML 11Page - u-blox AG SARA-N2 Datasheet HTML 12Page - u-blox AG SARA-N2 Datasheet HTML 13Page - u-blox AG SARA-N2 Datasheet HTML 14Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Interfaces
Page 10 of 30
2.5.3 DDC (I2C) interface
DDC interface: I2C compatible interface available on the SCL and SDA pins of the module for the
communication with external chips and sensors. The interface provides master mode bi-directional
bus communication at a bit-rate up to 100 kb/s. The I2C interface requires external pull-up resistors.
The internal power domain used by the DDC (I2C) pins is V_INT (1.8 V).
The DDC (I2C) interface is not supported by "02" product versions.
2.6 GPIO
SARA-N2 series modules provide the following pins:
GPIO1 pin, working at the V_INT (1.8 V) voltage domain, supporting the Secondary UART data
output functionality (see section 2.5.2 and Table 4)
GPIO2 pin, working at the V_INT (1.8 V) voltage domain, not supported by "02" product versions
CTS pin, working at the VCC (3.6 V typical) voltage domain, supporting the Network status
indication and the RING indicator functionality (see section 2.5.1 and Table 4)
For more details about how the pins can be configured, see u-blox SARA-N2 series AT Commands
Manual [1], +UGPIOC, +URING AT commands.
For diagnostic purposes, connect a test point to the GPIO1 pin.
Function
Description
Default GPIO
Configurable GPIOs
Network status
indication
Network status: registered home network, registered
roaming, data transmission, no service
--
CTS
RING indicator
Indicates an incoming message received by the module
or an URC event
--
CTS
Secondary UART
Secondary UART data output for diagnostic purpose,
to capture diagnostic logs delivered by the module
GPIO1
GPIO1
Pin disabled
Tri-state with an internal active pull-down enabled
CTS
CTS
Table 4: GPIO custom functions configuration


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Quectel Wireless Soluti...
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Modules
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Quectel Wireless Soluti...
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
   IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
   LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
   IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com