Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 9 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 9 Page - u-blox AG

Back Button SARA-N2 Datasheet HTML 5Page - u-blox AG SARA-N2 Datasheet HTML 6Page - u-blox AG SARA-N2 Datasheet HTML 7Page - u-blox AG SARA-N2 Datasheet HTML 8Page - u-blox AG SARA-N2 Datasheet HTML 9Page - u-blox AG SARA-N2 Datasheet HTML 10Page - u-blox AG SARA-N2 Datasheet HTML 11Page - u-blox AG SARA-N2 Datasheet HTML 12Page - u-blox AG SARA-N2 Datasheet HTML 13Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Interfaces
Page 9 of 30
2.4 SIM interface
A SIM card interface is provided by the VSIM, SIM_IO, SIM_CLK, and SIM_RST pins of SARA-N2 series
modules, supporting 1.8 V SIM card/chip types.
2.5 Serial interfaces
2.5.1 Asynchronous serial interface (UART)
The UART interface is a 5-wire unbalanced asynchronous serial interface available for communication
with an application host processor (AT commands and data communication) and for FW upgrade.
The main characteristics of the interface are the following:
Serial port with RS-232 functionality working at the VCC voltage domain (0 V for low data bit or
ON state and ~3.6 V, i.e. VCC, for high data bit or OFF state)
Data lines (RXD as module data output, TXD as module data input)
Hardware flow control lines (CTS as module output, RTS as module input)
The following baud rates are supported: 4800, 9600 (default baud rate), 57600 and 115200 b/s.
Fixed frame format: 8N1 (8 data bits, no parity, 1 stop bit)
The CTS line can be configured as RING indicator, to signal an incoming message received by the
module or an URC event, or as Network status indicator (for more details see section 2.6 and the u-blox
SARA-N2 series AT Commands Manual [1], +URING, +UGPIOC AT commands).
For FW upgrade purposes, connect a test point to the RXD and TXD pins.
Hardware flow control function is not supported by the "02" product versions.
2.5.2 Secondary asynchronous serial interface (Secondary UART)
The secondary UART interface is a 2-wire unbalanced asynchronous serial interface available for
diagnostic purpose, to capture trace diagnostic logs delivered by the module.
The main characteristics of the interface are:
Serial port with RS-232 functionality working at the V_INT voltage domain (0 V for low data bit or
ON state and 1.8 V, i.e. V_INT, for high data bit or OFF state)
Data line (GPIO1 as module data output)
No flow control
Fixed baud rate: 921600 b/s
Fixed frame format: 8N1 (8 data bits, no parity, 1 stop bit)
For diagnostic purposes, connect a test point to the GPIO1 pin.
The trace diagnostic log is temporarily stopped when the module is in deep-sleep mode.


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Quectel Wireless Soluti...
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Modules
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Quectel Wireless Soluti...
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
   IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
   LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
   IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com