Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 8 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 8 Page - u-blox AG

Back Button SARA-N2 Datasheet HTML 4Page - u-blox AG SARA-N2 Datasheet HTML 5Page - u-blox AG SARA-N2 Datasheet HTML 6Page - u-blox AG SARA-N2 Datasheet HTML 7Page - u-blox AG SARA-N2 Datasheet HTML 8Page - u-blox AG SARA-N2 Datasheet HTML 9Page - u-blox AG SARA-N2 Datasheet HTML 10Page - u-blox AG SARA-N2 Datasheet HTML 11Page - u-blox AG SARA-N2 Datasheet HTML 12Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Interfaces
Page 8 of 30
2 Interfaces
2.1 Power management
2.1.1
Module supply input (VCC)
SARA-N2 series modules must be supplied through the VCC pins by a DC power supply with nominal
voltage of 3.6 V. Voltage must be stable during module operation, taking into account that the current
drawn from VCC pins may vary significantly based on the power consumption profile of the NB-IoT
system.
2.1.2 Digital I/O interfaces supply output (V_INT)
SARA-N2 series modules provide an internally generated supply rail output (V_INT) operating at 1.8 V.
This can be used in place of an external discrete regulator to supply external digital interfaces.
The voltage level present at the V_INT pin depends on the module operating mode:
When the radio is off, the voltage level is kept low (i.e. 0 V)
When the radio is on, the voltage level is maintained high (i.e. 1.8 V)
Provide a test point connected to the V_INT pin for diagnostic purpose.
2.2 Antenna
2.2.1 Antenna RF interface (ANT)
The ANT pin has an impedance of 50  and provides the RF antenna interface of SARA-N2 series
modules.
2.2.1.1 Antenna detection (ANT_DET)
The ANT_DET pin is an Analog to Digital Converter (ADC) input used to sense the antenna presence
evaluating the resistance from the ANT pin to GND by means of an external antenna detection circuit
implemented on the application board.
The antenna detection (ANT_DET) interface is not supported by "02" product versions.
2.3 System functions
2.3.1 Module power-on
SARA-N2 series modules can be switched on by a rising edge voltage applied to the VCC pins. See
section 4.2.2 for more details about the valid supply voltage range.
2.3.2 Module power-off
An abrupt under-voltage shutdown occurs on SARA-N2 series modules when the VCC supply voltage
drops below the operating range minimum limit (see section 4.2.2).
2.3.3 Module reset
SARA-N2 series modules can be reset applying a low voltage level on the RESET_N input pin, which is
normally set high by an internal pull-up, for a valid time period (see the section 4.2.5). This causes an
“external” or “hardware” reset of the module.
Provide a test point connected to the RESET_N pin for diagnostic purposes.


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com