Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 7 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 7 Page - u-blox AG

Back Button SARA-N2 Datasheet HTML 3Page - u-blox AG SARA-N2 Datasheet HTML 4Page - u-blox AG SARA-N2 Datasheet HTML 5Page - u-blox AG SARA-N2 Datasheet HTML 6Page - u-blox AG SARA-N2 Datasheet HTML 7Page - u-blox AG SARA-N2 Datasheet HTML 8Page - u-blox AG SARA-N2 Datasheet HTML 9Page - u-blox AG SARA-N2 Datasheet HTML 10Page - u-blox AG SARA-N2 Datasheet HTML 11Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Functional description
Page 7 of 30
1.5 AT command support
The SARA-N2 series modules support AT commands according to the 3GPP standards, plus the
u-blox AT command extensions.
For the complete list of all supported AT commands and their syntax, see the SARA-N2 series AT
Commands Manual [1].
1.6 Supported features
Feature
Description
Network Indication
Pin configured to indicate the network status: registered home network, registered roaming,
data call enabled, no service. The feature can be enabled through the +UGPIOC AT command.
Embedded UDP stack
Embedded UDP/IP stack for UDP sockets.to establish a transparent end-to-end communication.
CoAP
The Constrained Application Protocol (CoAP) is a datagram-based client/server application
protocol for devices on the constrained network (e.g. low overhead, low-power), designed to
easily translate to HTTP for simplified integration with the web. CoAP clients can use the GET,
PUT, POST and DELETE methods using requests and responses with a CoAP server.
Release Assistance
The Release Assistance feature introduced in 3GPP Rel.13 allows the module to request for the
RRC connection to be dropped as soon as the message has been received by the network. This
feature allows a reduction in the module power consumption.
Self-Registration
Support of Self-Registration feature according to CTCC (China Telecom Corporation) and CUCC
(China Unicom Corporation) requirements.
Firmware update Over AT
commands (FOAT)
Firmware module update over AT command interface.
The feature can be enabled and configured through the +UFWUPD AT command.
Firmware update Over The
Air (FOTA)
The Firmware over-the-air (FOTA) component uses the CoAP context to download a FW update
package from a dedicated server.
Power Saving Mode (PSM) The Power Saving Mode (PSM) feature, defined in 3GPP Rel.13, allows further reduction of the
module current consumption maximizing the amount of time a device can remain in extremely
low power deep sleep mode during periods of data inactivity. It can be activated and configured
by the +CPSMS AT command.
Deep-sleep mode
The SARA-N2 series modules enters in extremely low power deep sleep mode whenever
possible, using the internal 32 kHz clock to maintaining an extremely low current consumption.
This optimizes the life time of the battery pack used to supply the system
eDRX
Extended mode DRX, based on 3GPP Rel.13, reduces the amount of signaling overhead
decreasing the frequency of scheduled measurements and/or transmissions performed by the
module. This in turn leads to a reduction in the module power consumption while maintaining a
perpetual connection with the base station
Coverage Enhancement
Coverage Enhancements Modes introduced in 3GPP Rel.13 for the NB-IoT system improve the
cell signal penetration allowing a 20 dB coverage enhancement over standard GSM systems.
Table 3: Some of the main features supported by SARA-N2 series modules


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
   Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Quectel Wireless Soluti...
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Modules
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
   LTE Cat-M1 / NB-IoT Antenna
30/09/2021
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
   LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
Quectel Wireless Soluti...
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
   IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
   LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
   IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
   IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
   IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com