Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N2 Datasheet(PDF) 5 Page - u-blox AG

Part # SARA-N2
Description  Power-optimized NB-IoT (LTE Cat NB1) modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N2 Datasheet(HTML) 5 Page - u-blox AG

  SARA-N2 Datasheet HTML 1Page - u-blox AG SARA-N2 Datasheet HTML 2Page - u-blox AG SARA-N2 Datasheet HTML 3Page - u-blox AG SARA-N2 Datasheet HTML 4Page - u-blox AG SARA-N2 Datasheet HTML 5Page - u-blox AG SARA-N2 Datasheet HTML 6Page - u-blox AG SARA-N2 Datasheet HTML 7Page - u-blox AG SARA-N2 Datasheet HTML 8Page - u-blox AG SARA-N2 Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SARA-N2 series - Data Sheet
UBX-15025564 - R16
Functional description
Page 5 of 30
1
Functional description
1.1 Overview
SARA-N2 series modules are a Narrow Band Internet of Things (NB-IoT) solution coming in the
miniature SARA LGA form factor (16.0 x 26.0 mm, 96-pin). The modules offer IoT data communication
over an extended operating temperature range of –40 °C to +85 °C, with extremely low power
consumption.
The SARA-N2 series includes variants supporting single-band and dual-band communication and
designed to operate in the frequency range of the LTE bands 5, 8, 20 and 28. These products are
ideally suited to battery-powered IoT applications characterized by occasional communications of
small amounts of data.
SARA-N2 series modules are the optimal choice for IoT devices designed to operate in locations with
a very limited coverage and requiring low energy consumption to permit a very long operating life of
the primary batteries. Examples of applications include and are not limited to: smart grids, smart
metering, telematics, street lighting, environmental monitoring and control, security and asset
tracking.
1.2 Product features
Model
Region
Bands
Positioning Interfaces
Features
Grade
SARA-N200
Europe
APAC
13
NB1
8
2
● ● ●
● ● ● ●
SARA-N201
APAC
13
NB1
5
2
● ● ●
● ● ● ●
SARA-N210
Europe
13
NB1 20
2
● ● ●
● ● ● ●
SARA-N211
Europe
13
NB1 8,20
2
● ● ●
● ● ● ●
SARA-N280
South America
APAC
13
NB1 28
2
● ● ●
● ● ● ●
Table 1: SARA-N2 series main features summary


Similar Part No. - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
SARA-N410 U-BLOX-SARA-N410 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B U-BLOX-SARA-N410-02B Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
SARA-N410-02B-00 U-BLOX-SARA-N410-02B-00 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
More results

Similar Description - SARA-N2

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG91 QUECTEL-EG91 Datasheet
1,018Kb / 3P
IoT/M2M-optimized LTE Cat 1 Modules
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
EM05 QUECTEL-EM05 Datasheet
721Kb / 2P
IoT/M2M-optimized LTE Cat 4 M.2 Modules
logo
NimbeLink Corp.
NL-SW-LTE-TG1WWG NIMBELINK-NL-SW-LTE-TG1WWG Datasheet
216Kb / 2P
Skywire 4G LTE-M (CAT M1), NB-IoT (NB1, NB2)
Rev A
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com