Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54LVTH162373 Datasheet(PDF) 8 Page - Maxwell Technologies

Part # 54LVTH162373
Description  3.3V 16-Bit Transparent D-Type Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

54LVTH162373 Datasheet(HTML) 8 Page - Maxwell Technologies

Back Button 54LVTH162373 Datasheet HTML 2Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 3Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 4Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 5Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 6Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 7Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 8Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 9Page - Maxwell Technologies 54LVTH162373 Datasheet HTML 10Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
All data sheets are subject to change without notice
©2001 Maxwell Technologies
All rights reserved.
3.3V 16-Bit Transparent D-Type
54LVTH162373
12.19.01 Rev 1
1000596
F48-01
Note: All dimensions in inches
48 PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.144
0.160
0.176
b
0.008
0.010
0.014
c
0.004
0.006
0.007
D
--
0.620
0.640
E
0.370
0.380
0.390
E1
--
--
0.410
E2
0.200
0.210
0.220
E3
0.075
0.085
--
e
0.025 BSC
L
0.275
0.285
0.295
Q
0.013
0.019
0.045
S1
0.005
0.018
--
N48


Similar Part No. - 54LVTH162373

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
54LVTH162244 MAXWELL-54LVTH162244 Datasheet
214Kb / 9P
16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPF MAXWELL-54LVTH162244RPF Datasheet
214Kb / 9P
16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFB MAXWELL-54LVTH162244RPFB Datasheet
214Kb / 9P
16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFE MAXWELL-54LVTH162244RPFE Datasheet
214Kb / 9P
16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFI MAXWELL-54LVTH162244RPFI Datasheet
214Kb / 9P
16-Bit Buffers/Drivers with 3-State Outputs
More results

Similar Description - 54LVTH162373

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
54LVTH16373 MAXWELL-54LVTH16373 Datasheet
207Kb / 10P
3.3V ABT16-Bit Transparent D-Type Latches
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com