Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9021RL Datasheet(PDF) 10 Page - Microchip Technology

Part # KSZ9021RL
Description  Gigabit Ethernet Transceiver with RGMII Support
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9021RL Datasheet(HTML) 10 Page - Microchip Technology

Back Button KSZ9021RL Datasheet HTML 6Page - Microchip Technology KSZ9021RL Datasheet HTML 7Page - Microchip Technology KSZ9021RL Datasheet HTML 8Page - Microchip Technology KSZ9021RL Datasheet HTML 9Page - Microchip Technology KSZ9021RL Datasheet HTML 10Page - Microchip Technology KSZ9021RL Datasheet HTML 11Page - Microchip Technology KSZ9021RL Datasheet HTML 12Page - Microchip Technology KSZ9021RL Datasheet HTML 13Page - Microchip Technology KSZ9021RL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
KSZ9021RL/RN
DS00003050A-page 10
 2009-2019 Microchip Technology Inc.
32
GTX_CLK
I
RGMII Mode:
RGMII TXC (Transmit Reference Clock) Input
33
TX_EN
I
RGMII Mode:
RGMII TX_CTL (Transmit Control) Input
34
VSS
Gnd
Digital ground
35
DVDDL
P
1.2V digital V
DD
36
RXD3 /
MODE3
I/O
RGMII Mode:
RGMII RD3 (Receive Data 3) Output /
Config Mode:
The pull-up/pull-down value is latched as MODE3 during power-up/
reset. See “Strapping Options” section for details.
37
DVDDH
P
3.3V/2.5V digital V
DD
38
RXD2 /
MODE2
I/O
RGMII Mode:
RGMII RD2 (Receive Data 2) Output /
Config Mode:
The pull-up/pull-down value is latched as MODE2 during power-
up/reset. See “Strapping Options” section for details.
39
VSS
Gnd
Digital ground
40
DVDDL
P
1.2V digital V
DD
41
RXD1 /
MODE1
I/O
RGMII Mode:
RGMII RD1 (Receive Data 1) Output /
Config Mode:
The pull-up/pull-down value is latched as MODE1 during power-up/
reset. See “Strapping Options” section for details.
42
RXD0 /
MODE0
I/O
RGMII Mode:
RGMII RD0 (Receive Data 0) Output /
Config Mode:
The pull-up/pull-down value is latched as MODE0 during power-up/
reset. See “Strapping Options” section for details.
43
RX_DV /
CLK125_EN
I/O
RGMII Mode:
RGMII RX_CTL (Receive Control) Output /
Config Mode:
Latched as CLK125_NDO Output Enable during power-up/reset.
See “Strapping Options” section for details.
44
DVDDH
P
3.3V/2.5V digital V
DD
45
RX_ER
O
RGMII Mode:
This pin is not used and should be left as a no connect.
46
RX_CLK /
PHYAD2
I/O
RGMII Mode:
RGMII RXC (Receive Reference Clock) Output /
Config Mode:
The pull-up/pull-down value is latched as PHYAD[2] during power-
up/reset. See “Strapping Options” section for details.
47
CRS
O
RGMII Mode:
This pin is not used and should be left as a no connect.
Pin
Number
Pin Name
Type
(Note 1)
Pin Function


Similar Part No. - KSZ9021RL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RL MICREL-KSZ9021RL Datasheet
67Kb / 2P
   Single-port 10/100/1000Base-T Gigabit Transceiver
KSZ9021RL MICREL-KSZ9021RL Datasheet
424Kb / 56P
   Gigabit Ethernet Transceiver with RGMII Support
KSZ9021RLI MICREL-KSZ9021RLI Datasheet
424Kb / 56P
   Gigabit Ethernet Transceiver with RGMII Support
More results

Similar Description - KSZ9021RL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
logo
Micrel Semiconductor
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
   Gigabit Ethernet Transceiver with RGMII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
   Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
   Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
   Gigabit Ethernet Transceiver with GMII / MII Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com