Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC62HR Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC62HR
Description  Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62HR Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC62HR Datasheet HTML 8Page - Torex Semiconductor XC62HR Datasheet HTML 9Page - Torex Semiconductor XC62HR Datasheet HTML 10Page - Torex Semiconductor XC62HR Datasheet HTML 11Page - Torex Semiconductor XC62HR Datasheet HTML 12Page - Torex Semiconductor XC62HR Datasheet HTML 13Page - Torex Semiconductor XC62HR Datasheet HTML 14Page - Torex Semiconductor XC62HR Datasheet HTML 15Page - Torex Semiconductor XC62HR Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
w-55
XC62HR Series
Positive Voltage Regulators
0
100
60
40
20
80
140 160
120
0
100
60
40
20
80
140 160
120
0
100
60
40
20
80
140 160
120
0.0
0.2
0.4
0.6
0.8
1.0
(3) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
OUTPUT CURRENT:IOUT(mA)
XC62HR5002 (5V)
Topr=-30:
80:
25:
XC62HR4002 (4V)
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:IOUT(mA)
Topr=-30:
80:
25:
0.0
0.2
0.4
0.6
0.8
1.0
OUTPUT CURRENT:IOUT(mA)
Topr=-30:
80:
25:
0.0
0.2
0.4
0.6
0.8
1.0
0
100
60
40
20
80
140 160
120
OUTPUT CURRENT:IOUT(mA)
Topr=-30:
80:
25:
XC62HR3002 (3V)
XC62HR2002 (2V)
86


Similar Part No. - XC62HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR2001DL TOREX-XC62HR2001DL Datasheet
1Mb / 17P
Positive Voltage Regulators (Output ON/OFF)
XC62HR2001DL TOREX-XC62HR2001DL Datasheet
1Mb / 19P
Positive Voltage Regulators (Output ON/OFF)
XC62HR2001DR TOREX-XC62HR2001DR Datasheet
1Mb / 17P
Positive Voltage Regulators (Output ON/OFF)
XC62HR2001DR TOREX-XC62HR2001DR Datasheet
1Mb / 19P
Positive Voltage Regulators (Output ON/OFF)
XC62HR2001ML TOREX-XC62HR2001ML Datasheet
1Mb / 17P
Positive Voltage Regulators (Output ON/OFF)
More results

Similar Description - XC62HR

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
Positive voltage regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com