Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC32T245NMJ Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AVC32T245NMJ
Description  SN74AVC32T245 32-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation, Level-Shifting, and Tri-State Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC32T245NMJ Datasheet(HTML) 5 Page - Texas Instruments

  SN74AVC32T245NMJ Datasheet HTML 1Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 2Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 3Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 4Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 5Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 6Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 7Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 8Page - Texas Instruments SN74AVC32T245NMJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A1
1B2
Input/Output
Referenced to VCCB
A2
1B1
Input/Output
Referenced to VCCB
A3
1DIR
Input
Direction-control signal
A4
1 OE
Input
Tri-State output-mode enables. Pull OE high to place all outputs in Tri-State mode.
Referenced to VCCA
A5
1A1
Input/Output
Referenced to VCCA
A6
1A2
Input/Output
Referenced to VCCA
B1
1B4
Input/Output
Referenced to VCCB
B2
1B3
Input/Output
Referenced to VCCB
B3
GND
Ground
B4
GND
Ground
B5
1A3
Input/Output
Referenced to VCCA
B6
1A4
Input/Output
Referenced to VCCA
C1
1B6
Input/Output
Referenced to VCCB
C2
1B5
Input/Output
Referenced to VCCB
C3
VCCB
B-port supply voltage. 1.2 V ≤ VCCB ≤ 3.6 V
C4
VCCA
A-port supply voltage. 1.2 V ≤ VCCA ≤ 3.6 V
C5
1A5
Input/Output
Referenced to VCCA
C6
1A6
Input/Output
Referenced to VCCA
D1
1B8
Input/Output
Referenced to VCCB
D2
1B7
Input/Output
Referenced to VCCB
D3
GND
Ground
D4
GND
Ground
D5
1A7
Input/Output
Referenced to VCCA
D6
1A8
Input/Output
Referenced to VCCA
E1
2B2
Input/Output
Referenced to VCCB
E2
2B1
Input/Output
Referenced to VCCB
E3
GND
Ground
E4
GND
Ground
E5
2A1
Input/Output
Referenced to VCCA
E6
2A2
Input/Output
Referenced to VCCA
F1
2B4
Input/Output
Referenced to VCCB
F2
2B3
Input/Output
Referenced to VCCB
F3
VCCB
B-port supply voltage. 1.2 V ≤ VCCB ≤ 3.6 V
F4
VCCA
A-port supply voltage. 1.2 V ≤ VCCA ≤ 3.6 V
F5
2A3
Input/Output
Referenced to VCCA
F6
2A4
Input/Output
Referenced to VCCA
G1
2B6
Input/Output
Referenced to VCCB
G2
2B5
Input/Output
Referenced to VCCB
G3
GND
Ground
G4
GND
Ground
G5
2A5
Input/Output
Referenced to VCCA
G6
2A6
Input/Output
Referenced to VCCA
H1
2B7
Input/Output
Referenced to VCCB
www.ti.com
SN74AVC32T245
SCES553G – MAY 2004 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74AVC32T245


Similar Part No. - SN74AVC32T245NMJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245GKER TI-SN74AVC32T245GKER Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC32T245NMJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
SN74AVCH4T245 TI1-SN74AVCH4T245_18 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74LVC8T245-EP TI1-SN74LVC8T245-EP_17 Datasheet
1,006Kb / 26P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245 Datasheet
358Kb / 47P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
[Old version datasheet]   Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com