Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV800DB-120ED Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29LV800DB-120ED
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DB-120ED Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29LV800DB-120ED Datasheet HTML 9Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 10Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 11Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 12Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 13Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 14Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 15Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 16Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
January 21, 2005 Am29LV800D_00_A4_E
Am29LV800D
11
P R E L I M I NARY
Writing Commands/Command Sequences
To write a command or command sequence
(which includes programming data to the device
and erasing sectors of memory), the system
must drive WE# and CE# to VIL, and OE# to
VIH.
For program operations, the BYTE# pin deter-
mines whether the device accepts program data
in bytes or words. Refer to “Word/Byte Configu-
ration” for more information.
The device features an Unlock Bypass mode to
facilitate faster programming. Once the device
enters the Unlock Bypass mode, only two write
cycles are required to program a word or byte,
instead of four. The “Word/Byte Program
Command Sequence” section has details on pro-
gramming data to the device using both stan-
dard and Unlock Bypass command sequences.
An erase operation can erase one sector, mul-
tiple sectors, or the entire device. Tables 2 and
3 indicate the address space that each sector
occupies. A “sector address” consists of the
address bits required to uniquely select a sector.
The “Command Definitions” section has details
on erasing a sector or the entire chip, or sus-
pending/resuming the erase operation.
After the system writes the autoselect command
sequence, the device enters the autoselect
mode. The system can then read autoselect
codes from the internal register (which is sepa-
rate from the memory array) on DQ7–DQ0.
Standard read cycle timings apply in this mode.
Refer to the “Autoselect Mode” and “Autoselect
Command Sequence” sections for more infor-
mation.
ICC2 in the DC Characteristics table represents
the active current specification for the write
mode. The “AC Characteristics” section contains
timing specification tables and timing diagrams
for write operations.
Program and Erase Operation Status
During an erase or program operation, the
system may check the status of the operation by
reading the status bits on DQ7–DQ0. Standard
read cycle timings and ICC read specifications
apply. Refer to “Write Operation Status” for
more information, and to “AC Characteristics”
for timing diagrams.
Standby Mode
When the system is not reading or writing to the
device, it can place the device in the standby
mode. In this mode, current consumption is
greatly reduced, and the outputs are placed in
the high impedance state, independent of the
OE# input.
The device enters the CMOS standby mode
when the CE# and RESET# pins are both held at
VCC ± 0.3 V. (Note that this is a more restricted
voltage range than VIH.) If CE# and RESET# are
held at VIH, but not within VCC ± 0.3 V, the device
will be in the standby mode, but the standby
current will be greater. The device requires stan-
dard access time (tCE) for read access when the
device is in either of these standby modes,
before it is ready to read data.
If the device is deselected during erasure or pro-
gramming, the device draws active current until
the operation is completed.
In the DC Characteristics table, ICC3 and ICC4
represents the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash
device energy consumption. The device auto-
matically enables this mode when addresses
remain stable for tACC + 30 ns. The automatic
sleep mode is independent of the CE#, WE#,
and OE# control signals. Standard address
access ti ming s pr ovide ne w data when
addresses are changed. While in sleep mode,
output data is latched and always available to
the system. ICC4 in the DC Characteristics table
represents the automatic sleep mode current
specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of
resetting the device to reading array data. When
the RESET# pin is driven low for at least a
period of tRP, the device immediately termi-
nates any operation in progress, tristates all
output pins, and ignores all read/write com-
mands for the duration of the RESET# pulse.
The device also resets the internal state
machine to reading array data. The operation
that was interrupted should be reinitiated once
the device is ready to accept another command
sequence, to ensure data integrity.
Current is reduced for the duration of the
RESET# pulse. When RESET# is held at
VSS±0.3 V, the device draws CMOS standby
current (ICC4). If RESET# is held at VIL but not
within VSS±0.3 V, the standby current will be
greater.
The RESET# pin may be tied to the system reset
circuitry. A system reset would thus also reset
the Flash memory, enabling the system to read
the boot-up firmware from the Flash memory.


Similar Part No. - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV800DB120EC SPANSION-AM29LV800DB120EC Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120ED SPANSION-AM29LV800DB120ED Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EF SPANSION-AM29LV800DB120EF Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EI SPANSION-AM29LV800DB120EI Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120SC SPANSION-AM29LV800DB120SC Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com