Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV800DB-120ED Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29LV800DB-120ED
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DB-120ED Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29LV800DB-120ED Datasheet HTML 23Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 24Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 25Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 26Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 27Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 28Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 29Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 30Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
January 21, 2005 Am29LV800D_00_A4_E
Am29LV800D
25
P R E L I M I NARY
DQ5 went high. If the toggle bit is no longer tog-
gling, the device has successfully completed the
program or erase operation. If it is still toggling,
the device did not completed the operation suc-
cessfully, and the system must write the reset
command to return to reading array data.
The remaining scenario is that the system ini-
tially determines that the toggle bit is toggling
and DQ5 has not gone high. The system may
continue to monitor the toggle bit and DQ5
through successive read cycles, determining the
status as described in the previous paragraph.
Alternatively, it may choose to perform other
system tasks. In this case, the system must
start at the beginning of the algorithm when it
returns to determine the status of the operation
(top of Figure 1).
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase
time has exceeded a specified internal pulse
count limit. Under these conditions DQ5 pro-
duces a “1.” This is a failure condition that indi-
cates the program or erase cycle was not
successfully completed.
The DQ5 failure condition may appear if the
system tries to program a “1” to a location that
is previously programmed to “0.” Only an
erase operation can change a “0” back to a
“1.” Under this condition, the device halts the
op era ti on, an d when the opera tion has
exceeded the timing limits, DQ5 produces a “1.”
Under both these conditions, the system must
issue the reset command to return the device to
reading array data.
DQ3: Sector Erase Timer
After writing a sector erase command sequence,
the system may read DQ3 to determine whether
or not an erase operation has begun. (The
sector erase timer does not apply to the chip
erase command.) If additional sectors are
selected for erasure, the entire time-out also
applies after each additional sector erase com-
mand. When the time-out is complete, DQ3
switches from “0” to “1.” The system may
ignore DQ3 if the system can guarantee that
the time between additional sector erase com-
mands will always be less than 50 µs. See also
the “Sector Erase Command Sequence” section.
After the sector erase command sequence is
written, the system should read the status on
DQ7 (Data# Polling) or DQ6 (Toggle Bit I) to
ensure the device has accepted the command
sequence, and then read DQ3. If DQ3 is “1”, the
internally controlled erase cycle has begun; all
further commands (other than Erase Suspend)
are ignored until the erase operation is com-
plete. If DQ3 is “0”, the device will accept addi-
tional sector erase commands. To ensure the
command has been accepted, the system soft-
ware should check the status of DQ3 prior to
and following each subsequent sector erase
command. If DQ3 is high on the second status
check, the last command might not have been
accepted. Table 6 shows the outputs for DQ3.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
Notes:
1. Read toggle bit twice to determine whether or not
it is toggling. See text.
2. Recheck toggle bit because it may stop toggling
as DQ5 changes to “1”. See text.
Figure 1. Toggle Bit Algorithm
(Notes
1, 2)
(Note 1)


Similar Part No. - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV800DB120EC SPANSION-AM29LV800DB120EC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120ED SPANSION-AM29LV800DB120ED Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EF SPANSION-AM29LV800DB120EF Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EI SPANSION-AM29LV800DB120EI Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120SC SPANSION-AM29LV800DB120SC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com