Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV800DB-120ED Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29LV800DB-120ED
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DB-120ED Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29LV800DB-120ED Datasheet HTML 22Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 23Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 24Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 25Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 26Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 27Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 28Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 29Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
24
Am29LV800D
Am29LV800D_00_A4_E January 21, 2005
PR EL IM IN A R Y
RY/BY# pins can be tied together in parallel with
a pull-up resistor to VCC.
If the output is low (Busy), the device is actively
erasing or programming. (This includes pro-
gramming in the Erase Suspend mode.) If the
output is high (Ready), the device is ready to
read array data (including during the Erase
Suspend mode), or is in the standby mode.
Table 6 shows the outputs for RY/BY#. Figures
1, 1, 1 and 1 shows RY/BY# for read, reset, pro-
gram, and erase operations, respectively.
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an
Embedded Program or Erase algorithm is in
progress or complete, or whether the device has
entered the Erase Suspend mode. Toggle Bit I
may be read at any address, and is valid after
the rising edge of the final WE# pulse in the
command sequence (prior to the program or
erase operation), and during the sector erase
time-out.
During an Embedded Program or Erase algo-
rithm operation, successive read cycles to any
address cause DQ6 to toggle. (The system may
use either OE# or CE# to control the read
cycles.) When the operation is complete, DQ6
stops toggling.
After an erase command sequence is written, if
all sectors selected for erasing are protected,
DQ6 toggles for approximately 100 µs, then
returns to reading array data. If not all selected
sectors are protected, the Embedded Erase
algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected.
The system can use DQ6 and DQ2 together to
determine whether a sector is actively erasing
or is erase-suspended. When the device is
actively erasing (that is, the Embedded Erase
algorithm is in progress), DQ6 toggles. When
the device enters the Erase Suspend mode, DQ6
stops toggling. However, the system must also
use DQ2 to determine which sectors are erasing
or erase-suspended. Alternatively, the system
can use DQ7 (see the subsection on “DQ7:
Data# Polling”).
If a program address falls within a protected
sector, DQ6 toggles for approximately 1 µs after
the program command sequence is written,
then returns to reading array data.
DQ6 also toggles during the erase-suspend-
program mode, and stops toggling once the
Embedded Program algorithm is complete.
Table 6 shows the outputs for Toggle Bit I on
DQ6. Figure 1 shows the toggle bit algorithm.
Figure 1 in the “AC Characteristics” section
shows the toggle bit timing diagrams. Figure 1
shows the differences between DQ2 and DQ6 in
graphical form. See also the subsection on
“DQ2: Toggle Bit II”.
DQ2: Toggle Bit II
The “Toggle Bit II” on DQ2, when used with
DQ6, indicates whether a particular sector is
actively erasing (that is, the Embedded Erase
algorithm is in progress), or whether that sector
is erase-suspended. Toggle Bit II is valid after
the rising edge of the final WE# pulse in the
command sequence.
D Q2 tog gles when the system rea ds a t
addresses within those sectors that have been
selected for erasure. (The system may use
either OE# or CE# to control the read cycles.)
But DQ2 cannot distinguish whether the sector
is actively erasing or is erase-suspended. DQ6,
by comparison, indicates whether the device is
actively erasing, or is in Erase Suspend, but
cannot distinguish which sectors are selected for
erasure. Thus, both status bits are required for
sector and mode information. Refer to Table 6 to
compare outputs for DQ2 and DQ6.
Figure 1 shows the toggle bit algorithm in flow-
chart form, and the section “DQ2: Toggle Bit II”
explains the algorithm. See also the “DQ6:
Toggle Bit I” subsection. Figure 1 shows the
toggle bit timing diagram. Figure 1 shows the
differences between DQ2 and DQ6 in graphical
form.
Reading Toggle Bits DQ6/DQ2
Refer to Figure 1 for the following discussion.
Whenever the system initially begins reading
toggle bit status, it must read DQ7–DQ0 at least
twice in a row to determine whether a toggle bit
is toggling. Typically, the system would note and
store the value of the toggle bit after the first
read. After the second read, the system would
compare the new value of the toggle bit with the
first. If the toggle bit is not toggling, the device
has completed the program or erase operation.
The system can read array data on DQ7–DQ0 on
the following read cycle.
However, if after the initial two read cycles, the
system determines that the toggle bit is still
toggling, the system also should note whether
the value of DQ5 is high (see the section on
DQ5). If it is, the system should then determine
again whether the toggle bit is toggling, since
the toggle bit may have stopped toggling just as


Similar Part No. - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV800DB120EC SPANSION-AM29LV800DB120EC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120ED SPANSION-AM29LV800DB120ED Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EF SPANSION-AM29LV800DB120EF Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EI SPANSION-AM29LV800DB120EI Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120SC SPANSION-AM29LV800DB120SC Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com