Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV800DB-120ED Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29LV800DB-120ED
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV800DB-120ED Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29LV800DB-120ED Datasheet HTML 18Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 19Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 20Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 21Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 22Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 23Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 24Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 25Page - Advanced Micro Devices AM29LV800DB-120ED Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
20
Am29LV800D
Am29LV800D_00_A4_E January 21, 2005
PR EL IM IN A R Y
The system can monitor DQ3 to determine if the
sector erase timer has timed out. (See the
“DQ3: Sector Erase Timer” section.) The time-
out begins from the rising edge of the final WE#
pulse in the command sequence.
Once the sector erase operation has begun, only
the Erase Suspend command is valid. All other
commands are ignored. Note that a hardware
reset during the sector erase operation imme-
diately terminates the operation. The Sector
Erase command sequence should be reinitiated
once the device has returned to reading array
data, to ensure data integrity.
When the Embedded Erase algorithm is com-
plete, the device returns to reading array data
and addresses are no longer latched. The
system can determine the status of the erase
operation by using DQ7, DQ6, DQ2, or RY/BY#.
Refer to “Write Operation Status” for informa-
tion on these status bits.
Figure 1 illustrates the algorithm for the erase
operation. Refer to the Erase/Program Opera-
tions tables in the “AC Characteristics” section
for parameters, and to Figure 1 for timing dia-
grams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system
to interrupt a sector erase operation and then
read data from, or program data to, any sector
not selected for erasure. This command is valid
only during the sector erase operation, including
the 50 µs time-out period during the sector
erase command sequence. The Erase Suspend
command is ignored if written during the chip
erase operation or Embedded Program algo-
rithm. Writing the Erase Suspend command
during the Sector Erase time-out immediately
terminates the time-out period and suspends
t h e e ras e o p era t io n . A d d r e s s e s ar e
“don’t-cares” when writing the Erase Suspend
command.
When the Erase Suspend command is written
during a sector erase operation, the device
requires a maximum of 20 µs to suspend the
erase operation. However, when the Erase
Suspend command is written during the sector
erase time-out, the device immediately termi-
nates the time-out period and suspends the
erase operation.
After the erase operation has been suspended,
the system can read array data from or program
data to any sector not selected for erasure. (The
device “erase suspends” all sectors selected for
erasure.) Normal read and write timings and
command definitions apply. Reading at any
address within erase-suspended sectors pro-
duces status data on DQ7–DQ0. The system can
use DQ7, or DQ6 and DQ2 together, to deter-
mine if a sector is actively erasing or is erase-
suspended. See “Write Operation Status” for
information on these status bits.
After an erase-suspended program operation is
complete, the system can once again read array
data within non-suspended sectors. The system
can determine the status of the program opera-
tion using the DQ7 or DQ6 status bits, just as in
the standard program operation. See “Write
Operation Status” for more information.
The system may also write the autoselect
command sequence when the device is in the
Erase Suspend mode. The device allows reading
autoselect codes even at addresses within
erasing sectors, since the codes are not stored
in the memory array. When the device exits the
autoselect mode, the device reverts to the Erase
Suspend mode, and is ready for another valid
o p era t ion . See “A uto s elec t C o mm a n d
Sequence” for more information.
The system must write the Erase Resume
command (address bits are “don’t care”) to exit
the erase suspend mode and continue the sector
erase operation. Further writes of the Resume
command are ignored. Another Erase Suspend
command can be written after the device has
resumed erasing.


Similar Part No. - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV800DB120EC SPANSION-AM29LV800DB120EC Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120ED SPANSION-AM29LV800DB120ED Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EF SPANSION-AM29LV800DB120EF Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120EI SPANSION-AM29LV800DB120EI Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV800DB120SC SPANSION-AM29LV800DB120SC Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV800DB-120ED

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com