Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1745865 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1745865
Description  Base strip - GIC 2,5 HC/10-G-7,62
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1745865 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1745865 Datasheet HTML 1Page - PHOENIX CONTACT 1745865 Datasheet HTML 2Page - PHOENIX CONTACT 1745865 Datasheet HTML 3Page - PHOENIX CONTACT 1745865 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1745865
10/24/2014   Page 2 / 4
Base strip - GIC 2,5 HC/10-G-7,62 - 1745865
Technical data
General
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
630 V
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
16 A
Insulating material
PA
Inflammability class according to UL 94
V0
Color
green
Number of positions
10
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121432
UNSPSC 13.2
39121432


Similar Part No. - 1745865

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17458 ETC2-17458 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
PHOENIX CONTACT
1745807 PHOENIX-1745807 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 4-G-7,62
1745810 PHOENIX-1745810 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 5-G-7,62
logo
Festo Corporation.
1745817 FESTO-1745817 Datasheet
91Kb / 1P
Quick coupling
logo
Weidmuller
1745820000 WEIDMULLER-1745820000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
More results

Similar Description - 1745865

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828676 PHOENIX-1828676 Datasheet
99Kb / 6P
Base strip - GIC 2,5/ 2-G-7,62
1745807 PHOENIX-1745807 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 4-G-7,62
1745810 PHOENIX-1745810 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 5-G-7,62
1745849 PHOENIX-1745849 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 8-G-7,62
1745852 PHOENIX-1745852 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 9-G-7,62
1745878 PHOENIX-1745878 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/11-G-7,62
1745881 PHOENIX-1745881 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/12-G-7,62
1828702 PHOENIX-1828702 Datasheet
81Kb / 5P
Base strip - GIC 2,5/ 5-G-7,62
1828728 PHOENIX-1828728 Datasheet
100Kb / 7P
Base strip - GIC 2,5/ 7-G-7,62
1828731 PHOENIX-1828731 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 8-G-7,62
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com