Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1745865 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1745865
Description  Base strip - GIC 2,5 HC/10-G-7,62
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1745865 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1745865 Datasheet HTML 1Page - PHOENIX CONTACT 1745865 Datasheet HTML 2Page - PHOENIX CONTACT 1745865 Datasheet HTML 3Page - PHOENIX CONTACT 1745865 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1745865
10/24/2014   Page 1 / 4
Base strip - GIC 2,5 HC/10-G-7,62 - 1745865
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 16 A, Rated voltage (III/2): 630 V, Number of positions: 10, Pitch: 7.62 mm, Color:
green, Contact surface: Tin, Assembly: Soldering
The illustration shows the 5-pos.
version
Product Features
 Compact 7.62 mm pitch
 Inverted GIC 2,5 HC headers with socket contacts for touch-proof device outputs (with GIC 2,5 HCV/... -ST) or a PCB/PCB connection (with
GMSTBA 2,5 HC/... -G)
 Maximum contact reliability due to integrated double steel spring
 CP-MSTB coding profile as protection against mismatching
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
8.6 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
19 mm
Pitch
7.62 mm
Dimension a
68.58 mm
Pin dimensions
1,2 x 0,5
Hole diameter
1.4 mm
General
Range of articles
GIC 2,5 HC/..-G


Similar Part No. - 1745865

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17458 ETC2-17458 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
PHOENIX CONTACT
1745807 PHOENIX-1745807 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 4-G-7,62
1745810 PHOENIX-1745810 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 5-G-7,62
logo
Festo Corporation.
1745817 FESTO-1745817 Datasheet
91Kb / 1P
Quick coupling
logo
Weidmuller
1745820000 WEIDMULLER-1745820000 Datasheet
31Mb / 340P
HDC-KIT-HA 03.300
More results

Similar Description - 1745865

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828676 PHOENIX-1828676 Datasheet
99Kb / 6P
Base strip - GIC 2,5/ 2-G-7,62
1745807 PHOENIX-1745807 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 4-G-7,62
1745810 PHOENIX-1745810 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 5-G-7,62
1745849 PHOENIX-1745849 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 8-G-7,62
1745852 PHOENIX-1745852 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/ 9-G-7,62
1745878 PHOENIX-1745878 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/11-G-7,62
1745881 PHOENIX-1745881 Datasheet
77Kb / 4P
Base strip - GIC 2,5 HC/12-G-7,62
1828702 PHOENIX-1828702 Datasheet
81Kb / 5P
Base strip - GIC 2,5/ 5-G-7,62
1828728 PHOENIX-1828728 Datasheet
100Kb / 7P
Base strip - GIC 2,5/ 7-G-7,62
1828731 PHOENIX-1828731 Datasheet
79Kb / 5P
Base strip - GIC 2,5/ 8-G-7,62
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com