Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2070 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS2070 Datasheet HTML 21Page - Texas Instruments TPS2070 Datasheet HTML 22Page - Texas Instruments TPS2070 Datasheet HTML 23Page - Texas Instruments TPS2070 Datasheet HTML 24Page - Texas Instruments TPS2070 Datasheet HTML 25Page - Texas Instruments TPS2070 Datasheet HTML 26Page - Texas Instruments TPS2070 Datasheet HTML 27Page - Texas Instruments TPS2070 Datasheet HTML 28Page - Texas Instruments TPS2070 Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
68
µF
D+
D–
GND
5 V
0.1
µF
DP0
DM0
EECLK
EEDATA
EXTMEM
SUSPEND
C
D
A
B
SN75240
BUSPWR
RESET
VCC1_3.3
VCC2_3.3
0.1
µF
10
µF
XTAL1
XTAL2
33 pF
6 MHz
33 pF
1.5 k
TSTPLL
TSTMODE
GND
GND
PWRON1
OVRCUR1
PWRON2
OVRCUR2
PWRON3
OVRCUR3
PWRON4
OVRCUR4
EN1
OC1
EN2
OC2
EN3
OC3
EN4
OC4
3.3 V
4.7
µF
0.1
µF
SP
SP
GATE
6 V to 9 V
Supply
IRLZ24N
0.1
µF
68
µF
VEXT
PG
BPMODE
DP0_RST
1.5 k
BP
EN_REG
DGND
AGND
0.1
µF
0.01
µF
33
µF
PG_DLY
CP_M
CP_P
BP_DIS
VCP
D+
D–
GND
5 V
D+
D–
GND
5 V
C
D
A
B
SN75240
D+
D–
GND
5 V
D+
D–
GND
5 V
C
D
A
B
SN75240
33
µF
33
µF
33
µF
OUT4
OUT3
OUT2
OUT1
TPS2071
TUSB2046B
DM4
DP4
DM3
DP3
DM2
DP2
DM1
DP1
Downstream
Ports
0.1
µF
Upstream
Ports
0.1
µF
† This hybrid hub can also be implemented by connecting a 5-V power supply to the SP input of the TPS2071 and eliminating the external FET.
However, this type of implementation is best suited for the TPS2074/75 (refer to the TPS2074, TPS2075 data sheet for details).
Figure 38. USB Hybrid Hub Using TPS2071 Power Controller and TUSB2046 Hub Controller


Similar Part No. - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2070 TI-TPS2070 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI1-TPS2070DAP Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI2-TPS2070DAP Datasheet
521Kb / 29P
FOUR-PORT USB HUB POWER CONTROLLERS
REVISED FEBRUARY 2001
More results

Similar Description - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com