Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2070 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2070 Datasheet HTML 13Page - Texas Instruments TPS2070 Datasheet HTML 14Page - Texas Instruments TPS2070 Datasheet HTML 15Page - Texas Instruments TPS2070 Datasheet HTML 16Page - Texas Instruments TPS2070 Datasheet HTML 17Page - Texas Instruments TPS2070 Datasheet HTML 18Page - Texas Instruments TPS2070 Datasheet HTML 19Page - Texas Instruments TPS2070 Datasheet HTML 20Page - Texas Instruments TPS2070 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
95
100
105
110
115
120
–60 –40 –20
0
20
40
60
80
100 120 140
SP SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
Outputs Disabled
Outputs Enabled
TJ – Junction Temperature – °C
VI(SP) = 5 V
Figure 25
105
100
95
4.5
5
110
115
120
5.5
SP SUPPLY CURRENT
vs
INPUT VOLTAGE
Outputs Disabled
Outputs Enabled
VI(SP) – Input Voltage – V
Figure 26
140
80
40
0
–40
0
25
160
180
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
(SELF-POWER SWITCHES)
200
85
125
120
60
20
TJ – Junction Temperature – °C
VI(SP) = 5 V
100
Figure 27
400
200
0
–40
0
25
600
700
800
85
125
500
300
100
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
(BUS POWER SWITCHES)
TJ – Junction Temperature – °C
VI(BP) = 4.5 V
VI(BP) = 5.5 V


Similar Part No. - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2070 TI-TPS2070 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI1-TPS2070DAP Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com