Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2070 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2070 Datasheet HTML 6Page - Texas Instruments TPS2070 Datasheet HTML 7Page - Texas Instruments TPS2070 Datasheet HTML 8Page - Texas Instruments TPS2070 Datasheet HTML 9Page - Texas Instruments TPS2070 Datasheet HTML 10Page - Texas Instruments TPS2070 Datasheet HTML 11Page - Texas Instruments TPS2070 Datasheet HTML 12Page - Texas Instruments TPS2070 Datasheet HTML 13Page - Texas Instruments TPS2070 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
4.5 V
≤ VI(BP) ≤ 5.5 V, 4.85 V ≤ VI(SP) ≤ 5.5 V, 6 V ≤ VI(VEXT) ≤ 9 V, ENx = 0 V, EN_REG = 3.3 V,
BP_DIS = 0 V, CL(SP) = 220 µF (unless otherwise noted)
voltage regulator controller
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(CP)
Output voltage, charge pump
VI(VEXT) = 6 V,
IO(VCP) = 5 mA
C(CP_P) = 10 nF, C(VCP)=100 nF
10
V
fosc
Oscillator frequency (see Note 1)
6 V
≤ VI(VEXT) ≤ 9 V, IO(VCP) = 5 mA,
VO(VCP)= 10 V
850
kHz
Gate drive current
Sourcing
VI(VCP) = 9 V, VO(GATE) = 7.5 V,
VI(SP) = 4.5 V
500
µA
Gate drive current
Sinking
VI(VCP) = 9 V, VO(GATE) = 5.5 V,
VI(SP) = 5.5 V
1.5
mA
Open-loop gain (see Note 1)
VI(VEXT) = 6 V, 0.5 V ≤ VO(GATE) ≤ 9 V
80
dB
Reference voltage at VI(SP), using external
regulator
VI(VEXT) = 6 V to 9 V, IRLZ24N FET
4.90
5.1
5.25
V
Gate clamp voltage
Gate to SP
10
V
NOTE 1: Specified by design, not tested in production.
power switch timing requirements
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
t
Turnon time (see Note 1)
BP to OUTx
switch
VI(BP) = 5 V, VI(SP) = open, TA = 25°C,
CL = 100 µF, RL = 50 Ω
4.5
ms
ton
Turnon time (see Note 1)
SP to OUTx
switch
VI(SP) = VI(BP) = 5 V, TA = 25°C,
CL = 100 µF, RL = 10 Ω
4.5
ms
t ff
Turnoff time (see Note 1)
BP to OUTx
switch
VI(BP) = 5 V, VI(SP) = open, TA = 25°C,
CL = 100 µF, RL = 50 Ω
15
ms
toff
Turnoff time (see Note 1)
SP to OUTx
switch
VI(SP) = VI(BP) = 5 V, TA = 25°C,
CL = 100 µF, RL = 10 Ω
10
ms
t
Rise time output (see Note 1)
BP to OUTx
switch
VI(BP) = 5 V, VI(SP) = open, TA = 25°C,
CL = 100 µF, RL = 50 Ω
4
ms
tr
Rise time, output (see Note 1)
SP to OUTx
switch
VI(SP) = VI(BP) = 5 V, TA = 25°C,
CL = 100 µF, RL = 10 Ω
3
ms
tf
Fall time output (see Note 1)
BP to OUTx
switch
VI(BP) = 5 V, VI(SP) = open, TA = 25°C,
CL = 100 µF, RL = 50 Ω
10
ms
tf
Fall time, output (see Note 1)
SP to OUTx
switch
VI(SP) = VI(BP) = 5 V, TA = 25°C,
CL = 100 µF, RL = 10 Ω
3
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTE 1. Specified by design, not tested in production.
thermal shutdown
PARAMETER
MIN
TYP
MAX
UNIT
TJ
Thermal shutdown
First
140
°C
TJ
Thermal shutdown
Second
150
°C
Hysteresis
First
15
°C
Hysteresis
Second
25
°C


Similar Part No. - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2070 TI-TPS2070 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI1-TPS2070DAP Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com