Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2070 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2070 Datasheet HTML 3Page - Texas Instruments TPS2070 Datasheet HTML 4Page - Texas Instruments TPS2070 Datasheet HTML 5Page - Texas Instruments TPS2070 Datasheet HTML 6Page - Texas Instruments TPS2070 Datasheet HTML 7Page - Texas Instruments TPS2070 Datasheet HTML 8Page - Texas Instruments TPS2070 Datasheet HTML 9Page - Texas Instruments TPS2070 Datasheet HTML 10Page - Texas Instruments TPS2070 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
4.5 V
≤ VI(BP) ≤ 5.5 V, 4.85 V ≤ VI(SP) ≤ 5.5 V, 6 V ≤ VI(VEXT) ≤ 9 V, ENx = 0 V, EN_REG = 0 V,
BP_DIS = 0 V (unless otherwise noted) (continued)
power switches
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static
SP to
VI(SP) =VI(BP) =5V IO =0 5A
TA = 25°C
107
rDS( )
Static
drain-source
OUTx
VI(SP) = VI(BP) = 5 V, IOx = 0.5 A
TA = 70°C
125
160
m
rDS(on)
on-state
it
BP to
VI(BP) =4 5V
VI(SP) =Open IO =0 1A
TA = 25°C
560
m
resistance
OUTx
VI(BP) = 4.5 V,
VI(SP) = Open, IOx = 0.1 A
TA = 70°C
630
900
ENx = VI(BP) = 5.5 V, VI(SP) = Hi-Z,
OUTx connected to ground,
VI(VIN) = Hi-Z
TJ = 25°C
0.5
10
Lk
t t
ENx = VI(BP) = VI(SP) = 5.5 V,
OUTx connected to ground, VI(EXT) = Hi-Z
TJ = 25°C
0.5
10
Ilkg(OUTx)
Leakage current at
OUTx (no load on
3 3V OUT)
ENx = VI(BP) = Hi-Z or 0 V,
VI(VEXT) = VI(SP)= VI(OUTx) = 5.5 V
TJ = 25°C
0.5
10
µA
3.3V_OUT)
ENx = VI(BP) = VI(SP) = Hi-Z or 0 V,
VI(VEXT) = VI(OUTx) = 5.5 V
TJ = 25°C
0.5
10
ENx = VI(BP) = VI(SP) = VI(VEXT) = Hi–Z or 0 V,
VI(OUTx) = 5.5 V
TJ = 25°C
0.5
10
Short circuit current
VI(BP) = VI(SP) = 5 V,
OUTx connected to GND,
Device enabled into short circuit
0.6
0.9
1.2
Short-circuit current
(per output)†
VI(BP) = 5 V, VI(SP) = open,
OUTx connected to GND, device enabled into short
circuit
0.12
0.2
0.3
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
input signals (ENx, EN_REG, BP_DIS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
Pullup
ENx (active low)
VI(ENx) = 0 V
5
II
Input current
Pulldown
EN_REG (active high)
VI(EN_REG) = 5 V
5
µA
Pulldown
BP_DIS (active high)
VI(BP_DIS) = 5 V
5


Similar Part No. - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2070 TI-TPS2070 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI-TPS2070DAP Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070DAP TI1-TPS2070DAP Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074 TI1-TPS2074_08 Datasheet
591Kb / 27P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com