Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPM-24M+ Datasheet(PDF) 6 Page - Mini-Circuits

Part # SMPM-24M+
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPM-24M+ Datasheet(HTML) 6 Page - Mini-Circuits

  SMPM-24M+ Datasheet HTML 1Page - Mini-Circuits SMPM-24M+ Datasheet HTML 2Page - Mini-Circuits SMPM-24M+ Datasheet HTML 3Page - Mini-Circuits SMPM-24M+ Datasheet HTML 4Page - Mini-Circuits SMPM-24M+ Datasheet HTML 5Page - Mini-Circuits SMPM-24M+ Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV52
Operating Temperature
-55° to 105° C or -55° to 85° C (see datasheet)
Ambient Environment
Individual Model Data sheet
Storage Temperature
-55° to 105° C or -55° to 85° C (see data sheet)
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 100°C, 100 Cycles
MIL-STD-202F; Method 107G
Multiple Bend Radius
40 mm, 5 times for 141 series cables
30 mm, 5 times for 086 series cables
Single Bend Radius
8 mm for 141 series cables
6 mm for 086 series cables
This document and its contents are the property of Mini-Circuits.
Rev:
ENV52
C
07/06/18
File:
M168814
ENV52.pdf
Page: 1


Similar Part No. - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPMR-SM50 MINI-SMPMR-SM50 Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
SMPMR-SM50++ MINI-SMPMR-SM50+ Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
More results

Similar Description - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
ADAPTER
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M++ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50++ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com