Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPM-24M+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # SMPM-24M+
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPM-24M+ Datasheet(HTML) 4 Page - Mini-Circuits

  SMPM-24M+ Datasheet HTML 1Page - Mini-Circuits SMPM-24M+ Datasheet HTML 2Page - Mini-Circuits SMPM-24M+ Datasheet HTML 3Page - Mini-Circuits SMPM-24M+ Datasheet HTML 4Page - Mini-Circuits SMPM-24M+ Datasheet HTML 5Page - Mini-Circuits SMPM-24M+ Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Adapter, SMP Male to 2.4mm Male
SMPM-24M+
Typical Performance Curves
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
Insertion Loss
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
SMP-Male VSWR
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
5000
10000
15000
20000
25000
30000
35000
40000
Frequency (MHz)
2.4mm-Male VSWR
REV. OR
SMPM-24M+
1/30/2020
Page 1 of 1


Similar Part No. - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPMR-SM50 MINI-SMPMR-SM50 Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
SMPMR-SM50++ MINI-SMPMR-SM50+ Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
More results

Similar Description - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
ADAPTER
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M++ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50++ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com