Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPM-24M+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # SMPM-24M+
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPM-24M+ Datasheet(HTML) 3 Page - Mini-Circuits

  SMPM-24M+ Datasheet HTML 1Page - Mini-Circuits SMPM-24M+ Datasheet HTML 2Page - Mini-Circuits SMPM-24M+ Datasheet HTML 3Page - Mini-Circuits SMPM-24M+ Datasheet HTML 4Page - Mini-Circuits SMPM-24M+ Datasheet HTML 5Page - Mini-Circuits SMPM-24M+ Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Adapter, SMP Male to 2.4mm Male
SMPM-24M+
Typical Performance Data
FREQUENCY
INSERTION LOSS
SMP-MALE
VSWR
2.4mm-MALE
VSWR
(MHz)
(dB)
(:1)
(:1)
10
0.01
1.00
1.00
100
0.04
1.01
1.01
500
0.09
1.01
1.01
1000
0.11
1.02
1.02
2500
0.13
1.03
1.03
4000
0.16
1.06
1.06
5500
0.19
1.10
1.11
7000
0.23
1.15
1.22
8500
0.25
1.20
1.23
10000
0.24
1.21
1.12
11500
0.27
1.17
1.14
13000
0.28
1.12
1.16
14500
0.28
1.07
1.09
16000
0.29
1.06
1.15
17500
0.31
1.08
1.21
19000
0.29
1.09
1.06
20500
0.32
1.08
1.11
22000
0.33
1.07
1.11
23500
0.33
1.07
1.06
25000
0.35
1.10
1.08
26500
0.40
1.15
1.26
28000
0.38
1.20
1.20
29500
0.41
1.21
1.16
31000
0.45
1.18
1.27
32500
0.42
1.11
1.16
34000
0.44
1.08
1.02
35500
0.43
1.14
1.07
37000
0.46
1.19
1.11
38500
0.53
1.23
1.23
40000
0.56
1.26
1.18
REV. OR
SMPM-24M+
1/30/2020
Page 1 of 1


Similar Part No. - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPMR-SM50 MINI-SMPMR-SM50 Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
SMPMR-SM50++ MINI-SMPMR-SM50+ Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
More results

Similar Description - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
ADAPTER
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M++ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50++ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com