Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPM-24M+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # SMPM-24M+
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPM-24M+ Datasheet(HTML) 2 Page - Mini-Circuits

  SMPM-24M+ Datasheet HTML 1Page - Mini-Circuits SMPM-24M+ Datasheet HTML 2Page - Mini-Circuits SMPM-24M+ Datasheet HTML 3Page - Mini-Circuits SMPM-24M+ Datasheet HTML 4Page - Mini-Circuits SMPM-24M+ Datasheet HTML 5Page - Mini-Circuits SMPM-24M+ Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
SMPM-24M+
50Ω
DC to 40 GHz
Adapter SMP-Male to 2.4 mm-Male
REV. A
ECO-001630
SMPM-24M+
RD/RS/CP
200203
Coaxial
Features
• flat response
• excellent VSWR, 1.1 typ. up to 40 GHz
• Rugged stainless steel body
• SMP-Male with full detent
Applications
• interconnection of RF cable and equipment
Outline Drawing
CASE STYLE: DJ2382-2
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
SMP-Male
2.4mm-M
0.0
0.2
0.4
0.6
0.8
1.0
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
SMPM-24M+
INSERTION LOSS
1.0
1.1
1.2
1.3
1.4
1.5
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
SMPM-24M+
VSWR
SMP-M
2.4mm-M
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
40
GHz
Insertion Loss
DC - 40
0.27
0.8
dB
VSWR
DC - 40
1.10
1.35
:1
10
0.01
1.00
1.00
1000
0.11
1.02
1.02
5000
0.18
1.08
1.09
10000
0.24
1.21
1.12
15000
0.27
1.06
1.07
20000
0.31
1.09
1.08
25000
0.35
1.10
1.08
30000
0.43
1.21
1.21
35000
0.44
1.12
1.07
40000
0.56
1.26
1.18
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
SMP-Male to 2.4mm-Male
SMPM-24M+
Generic photo used for illustration purposes only


Similar Part No. - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPMR-SM50 MINI-SMPMR-SM50 Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
SMPMR-SM50++ MINI-SMPMR-SM50+ Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
More results

Similar Description - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
ADAPTER
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M++ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50++ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com