Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPM-24M+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SMPM-24M+
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPM-24M+ Datasheet(HTML) 1 Page - Mini-Circuits

  SMPM-24M+ Datasheet HTML 1Page - Mini-Circuits SMPM-24M+ Datasheet HTML 2Page - Mini-Circuits SMPM-24M+ Datasheet HTML 3Page - Mini-Circuits SMPM-24M+ Datasheet HTML 4Page - Mini-Circuits SMPM-24M+ Datasheet HTML 5Page - Mini-Circuits SMPM-24M+ Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
SMPM-24M+
The Big Deal
• Ultra-wideband, DC-40 GHz
• Flat response
• Low insertion loss, 0.27 dB typ.
• Excellent VSWR, 1.1:1 typ.
• SMP-Male with full detent
Product Overview
Mini-Circuits’ SMPM-24M+ is a 50Ω coaxial SMP-Male (Snap-on) to 2.4mm-Male adapter supporting a
wide range of applications from DC to 40 GHz. This model provides excellent VSWR, low insertion loss,
and flat response versus frequency. The SMPM-24M+ features passivated stainless steel body and measures
only 0.82" (l) x 0.28" (dia.)
Key Features
Feature
Advantages
Wide band, DC to 40 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.1:1 typ.
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.27 dB typ.
Provides excellent signal power transmission from input to output.
Full Detent:
Force needed to mate, 9 lbs,
Force needed to de-mate, 7 lbs
Prevents the connector from detaching accidently
Rugged, passivated stainless steel
construction
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.
50Ω
DC to 40 GHz
Coaxial
Adapter SMP-Male to 2.4mm-Male
CASE STYLE: DJ2382-2


Similar Part No. - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
logo
Mini-Circuits
SMPMR-SM50 MINI-SMPMR-SM50 Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
SMPMR-SM50++ MINI-SMPMR-SM50+ Datasheet
260Kb / 2P
Adapter SMP-Male to SMA-Male
More results

Similar Description - SMPM-24M+

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-002 JFW-115-002 Datasheet
25Kb / 1P
ADAPTER
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M++ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50++ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com