Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SCC2681T
Description  Dual asynchronous receiver/transmitter (DUART)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SCC2681T Datasheet HTML 7Page - NXP Semiconductors SCC2681T Datasheet HTML 8Page - NXP Semiconductors SCC2681T Datasheet HTML 9Page - NXP Semiconductors SCC2681T Datasheet HTML 10Page - NXP Semiconductors SCC2681T Datasheet HTML 11Page - NXP Semiconductors SCC2681T Datasheet HTML 12Page - NXP Semiconductors SCC2681T Datasheet HTML 13Page - NXP Semiconductors SCC2681T Datasheet HTML 14Page - NXP Semiconductors SCC2681T Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Philips Semiconductors
Product data
SCC2681T
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
12
Figure 9. Receive
TRANSMITTER
ENABLED
TxD
D1
D2
D3
D4
D6
BREAK
TxRDY
(SR2)
WRN
D1
D2
D3
D4
D6
START
BREAK
STOP
BREAK
D5 WILL
NOT BE
TRANSMITTED
CTSN1
(IP0)
RTSN2
(OP0)
OPR(0) = 1
OPR(0) = 1
NOTES:
1. Timing shown for MR2(4) = 1.
2. Timing shown for MR2(5) = 1.
SD00094
Figure 10. Transmitter Timing
D1
D2
D3
D4
D5
D6
D7
D8
RxD
D6, D7, D8 WILL BE LOST
RECEIVER
ENABLED
RxRDY
(SR0)
FFULL
(SR1)
RxRDY/
FFULL
(OP5)2
RDN
D1
D2
D3
D4
D5 WILL
BE LOST
OVERRUN
(SR4)
RESET BY
COMMAND
RTS1
(OP0)
OPR(0) = 1
NOTES:
1. Timing shown for MR1(7) = 1.
2. Shown for OPCR(4) = 1 and MR1(6) = 0.
SD
SD
SD
SD
S = STATUS
D = DATA
SD00105
Figure 11. Receiver Timing


Similar Part No. - SCC2681T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1A44 PHILIPS-SCC2681AC1A44 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1N28 PHILIPS-SCC2681AC1N28 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1N40 PHILIPS-SCC2681AC1N40 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AE1A44 PHILIPS-SCC2681AE1A44 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com