Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SCC2681T
Description  Dual asynchronous receiver/transmitter (DUART)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SCC2681T Datasheet HTML 4Page - NXP Semiconductors SCC2681T Datasheet HTML 5Page - NXP Semiconductors SCC2681T Datasheet HTML 6Page - NXP Semiconductors SCC2681T Datasheet HTML 7Page - NXP Semiconductors SCC2681T Datasheet HTML 8Page - NXP Semiconductors SCC2681T Datasheet HTML 9Page - NXP Semiconductors SCC2681T Datasheet HTML 10Page - NXP Semiconductors SCC2681T Datasheet HTML 11Page - NXP Semiconductors SCC2681T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product data
SCC2681T
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
8
AC ELECTRICAL CHARACTERISTICS1, 2, 3, 4
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Typ
Max
UNIT
Reset timing (see Figure 3)
tRES
Reset pulse width
1.0
µs
Bus timing (see Figure 4) (Note 5)
tAVEL
A0–A3 set-up to RDN and CEN, or WRN and CEN LOW
0
ns
tELAX
RDN and CEN, or WRN and CEN LOW to A0–A3 invalid
100
ns
tRLRH
RDN and CEN LOW to RDN or CEN HIGH
120
ns
tEHEL
CEN HIGH to CEN LOW6, 7
110
ns
tRLDA
CEN and RDN LOW to data outputs active
15
ns
tRLDV
CEN and RDN LOW to data valid
100
ns
tRHDI
CEN or RDN HIGH to data invalid
10
ns
tRHDF
CEN or RDN HIGH to data outputs floating
65
ns
tWLWH
WRN and CEN LOW to WRN or CEN HIGH
75
ns
tDVWH
Data input valid to WRN or CEN HIGH
35
ns
tWHDI
WRN or CEN HIGH to data invalid
15
ns
Port timing (see Figure 5)
tPS
Port input set-up time before RDN LOW
0
ns
tPH
Port input hold time after RDN HIGH
0
ns
tPD
Port output valid after WRN HIGH
200
ns
Interrupt timing (see Figure 6)
INTRN (or OP3–OP7 when used as interrupts) negated from:
Read RHR (RxRDY/FFULL interrupt)
200
ns
Write THR (TxRDY interrupt)
200
ns
tIR
Reset command (delta break interrupt)
200
ns
Stop C/T command (counter interrupt)
200
ns
Read IPCR (input port change interrupt)
200
ns
Write IMR (clear of interrupt mask bit)
200
ns
Clock timing (see Figure 7)
tCLK
X1/CLK HIGH or LOW time
90
ns
fCLK
X1/CLK frequency
2
4
MHz
tCTC
CTCLK (IP2) HIGH or LOW time
55
ns
fCTC
CTCLK (IP2) frequency8
0
8
MHz
tRX
RxC HIGH or LOW time
55
ns
f
RxC frequency
(16
×)8
0
3.6864
8
MHz
fRX
(1
×)8
0
1
MHz
tTX
TxC HIGH or LOW time
110
ns
fTX
TxC frequency
(16
×)8
0
4
MHz
(1
×)8
0
1
MHz
Transmit timing (see Figure 8)
tTXD
TxD output delay from TxC external clock input on IP pin
300
ns
tTCS
Output delay from TxC LOW at OP pin to TxD data output
0
100
ns
Receive timing (see Figure )
tRXS
RxD data set-up time before RxC HIGH at external clock input on IP pin
200
ns
tRXH
RxD data hold time after RxC HIGH at external clock input on IP pin
25
ns
NOTES:
1. Parameters are valid over specified temperature range. See Ordering information table for applicable operating temperature range and VCC
supply range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs except X1/CLK swing between 0.4 V and 2.4 V with a
transition time of 20 ns maximum. For X1/CLK this swing is between 0.4 V and 4.0 V. All time measurements are referenced at input
voltages of 0.8 V and 2.0 V and output voltages of 0.8 V and 2.0 V as appropriate.
3. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.


Similar Part No. - SCC2681T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1A44 PHILIPS-SCC2681AC1A44 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1N28 PHILIPS-SCC2681AC1N28 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AC1N40 PHILIPS-SCC2681AC1N40 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681AE1A44 PHILIPS-SCC2681AE1A44 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681 PHILIPS-SCC2681 Datasheet
204Kb / 29P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com